Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS1 Datasheet(PDF) 34 Page - Metcal

Part # WS1
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS1 Datasheet(HTML) 34 Page - Metcal

Back Button WS1 Datasheet HTML 30Page - Metcal WS1 Datasheet HTML 31Page - Metcal WS1 Datasheet HTML 32Page - Metcal WS1 Datasheet HTML 33Page - Metcal WS1 Datasheet HTML 34Page - Metcal WS1 Datasheet HTML 35Page - Metcal WS1 Datasheet HTML 36Page - Metcal WS1 Datasheet HTML 37Page - Metcal WS1 Datasheet HTML 38Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
31
InputVoltage
115V(PCT-100-11)
230V(PCT-100-21)
HeaterRating
450W
StorageTemperature
-10°C—60°C(14°F—140°F)
EnvironmentalTemperature
0°C—40°C(32°F—104°F)
AirFlow
10.2CFM(280l/min)
ControlTemperature
Variableupto300°C(572°F)
SurfaceResistivityESD
106Ω-1011Ω
Dimensions
205(L)x155(W)x65(H)mm
Weight
1.6kg
Certificate/Approvals
cTUVus,CE
Specifications
PCT-100 Focused Convection Pre-heater
Focused Convection Pre-heater Delivers Heat to Where It’s Needed Most
OKInternationalPCT-100isafocusedconvectionpre-heaterthatisdesignedtoprovideextraheatcapacityfordemandingapplications
suchaslead-free,multi-layerboardsandassemblieswithlargegroundplanes.Thesystemʼsfocusedheatdesignpromotesquickrampto
temperature. Unlikeconventionalpre-heaters,thePCT-100FocusedConvectionPre-heaterdirectlytargetstheundersidePCBproviding
asubstantialthermalboostforprocessesincludinghandsoldering,through-holedesoldering,andhotairSMTrework. Usersenjoythe
benefitofimprovedprocesstimeandexceptionalcontrolofpotentiallydamagingtemperatures.
The PCT-100 Focused Convection Pre-heater provides options for an integrated board holder* or a stand-alone board holder** or a
workpieceplatewherethedevicecanberestedjustabovethefocusedair-source. Thesystemcanalsobesuppliedwithanadjustable-
anglearmresttoenhanceoperatorproductivitythroughimprovedergonomics. Evenmore,thePCT-100FocusedConvectionPre-heater
distinguishesitselfforitsveryattractivelowprice.
*TheBH-010integratedboardholder islimitedto3.08”(78.4mm)inthex-axisandopen-endedinthey-axis.
**TheBH-100stand-aloneboardholderisopenendedonthe12”(305mm)axis.Largerboardscavebeaccommodateddependingonapplication.
New
Product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com