Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS1 Datasheet(PDF) 22 Page - Metcal

Part # WS1
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS1 Datasheet(HTML) 22 Page - Metcal

Back Button WS1 Datasheet HTML 18Page - Metcal WS1 Datasheet HTML 19Page - Metcal WS1 Datasheet HTML 20Page - Metcal WS1 Datasheet HTML 21Page - Metcal WS1 Datasheet HTML 22Page - Metcal WS1 Datasheet HTML 23Page - Metcal WS1 Datasheet HTML 24Page - Metcal WS1 Datasheet HTML 25Page - Metcal WS1 Datasheet HTML 26Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
19
.53"
.02" 13.7mm
0.5mm
.04" .59"
15.0mm
1.0mm
.461"
.197"
5.0mm
11.7mm
2.5mm
.10" .528"
13.4mm
.54"
.04"
1.0mm
13.7mm
1.8mm
.07" .528"
13.4mm
.06" .528"
1.5mm
13.4mm
.724"
.01"
18.4mm
0.3mm
.77"
.016"
19.6mm
0.4mm
20.4mm 0.8"
45˚
3.0mm
.12"
20.7mm
.81"
45˚
2.0mm
.08"
.18"
4.5mm
45º
.74"
.07"
18.7mm
1.8mm
45º
.12"
3.0mm
.74"
18.7mm
0.43"
11.0mm
0.04"
1.0mm
0.43"
11.0mm
0.08"
2.0mm
0.43"
11.0mm
0.1"
2.5mm
0.51"
13.0mm
0.04"
1.0mm
0.59"
15.0mm
0.056"
1.4mm
Theseconddigitdenotessubstratematerial(damagetolerance).F=FR4/GlassFiber,formoststandard
applications.AlsoavailableinCSeries,C=Ceramic.
SFV-CN05A
ConicalSolderTip
0.5mm(.02̎)
SFV-CNL10A
ConicalLongSolderTip
1.0mm(.04̎)
SFV-CH50A
ChiselSolderTip
5.0mm(.197̎)
SFV-CH25A
ChiselSolderTip
2.5mm(.10̎)
SFV-CH10A
ChiselSolderTip
1.0mm(.04̎)
SFV-DRH420A
HoofSolderTip45°
2.0mm (.08̎)
SFV-CH18A
FineSolderTip
1.8mm(.07̎)
SFV-CH15A
ChiselSolderTip
1.5mm(.06̎)
SFV-CNL03A
ConicalLongSolderTip
0.3mm(.01̎)
SFV-CNB04A
ConicalBentSolderTip
0.4mm(.016̎)
SFV-DRH430A
DragSolderTip
Hoof,3.0mm(.12̎)
SFV-DRK45A
KnifeSolderTip
4.5mm(.177̎)
SFV-DRK30A
KnifeSolderTip
3.0mm(.12̎)
Desoldering Tips
Regular
LongReach
Part No.
Description
∅
A
∅
B
DFP-CN2 DesolderTip
0.67mm(.026̎) 0.67mm(.026̎)
DFP-CN3 DesolderTip
0.79mm(.031̎) 2.05mm(.080̎)
DFP-CN4 DesolderTip
1.05mm(.041̎) 2.30mm(.090̎)
DFP-CN5 DesolderTip
1.31mm(.052̎) 2.65mm(.104̎)
DFP-CN6 DesolderTip
1.55mm(.061̎) 2.85mm(.112̎)
DFP-CN7 DesolderTip
2.44mm(.096̎) 3.65mm(.143̎)
DFP-CNL3 DesolderTipLongReach 0.79mm(.031̎) 2.05mm(.080̎)
DFP-CNL4 DesolderTipLongReach 1.05mm(.041̎) 2.30mm(.090̎)
DFP-CNL5 DesolderTipLongReach 1.31mm(.052̎) 2.65mm(.104̎)
EASY ACCESS SOLDERING TIPS for longer reach touch up applications
SFV-CH10
ChiselSolderTip
30°1.0mm(.04̎)
SFV-CH20
ChiselSolderTip
2.0mm(.08̎)
SFV-CH25
ChiselSolderTip
2.5mm(.10̎)
SFV-CNL10
ConicalLongSolderTip
1.0mm(.04̎)
SFV-CNL14
ConicalLongSolderTip
1.4mm(.056̎)
SFV-DRH20
ConicalBevelSolderTip
2.0mm(.08̎)
SOLDERING TIPS for heavy duty applications
Soldering Tips
for MFR-DSX,-DSI, -SDX and -SDI Systems
for MFR-PST and PS-800E Systems with MFR-CA2 and PS-CA2 coils



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com