Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS1 Datasheet(PDF) 52 Page - Metcal

Part # WS1
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS1 Datasheet(HTML) 52 Page - Metcal

Back Button WS1 Datasheet HTML 48Page - Metcal WS1 Datasheet HTML 49Page - Metcal WS1 Datasheet HTML 50Page - Metcal WS1 Datasheet HTML 51Page - Metcal WS1 Datasheet HTML 52Page - Metcal WS1 Datasheet HTML 53Page - Metcal WS1 Datasheet HTML 54Page - Metcal WS1 Datasheet HTML 55Page - Metcal WS1 Datasheet HTML 56Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
49
MFX-2200C Particle Fume Extraction System
OKInternational'snewmulti-userMFX-2200CFumeExtractionSystemprovidestheultimateperformancein
acompactsizethateasilyfitsundermostworkbenches.Itisidealforremovingsolderfumesandfiltering
laserfumes.Thelidfeatures4airinletportsforconnectiontoOmniflexarms.Byusingahosesplitterin
conjunctionwithBVXarms,thenumberofconnectedarmscanbedoubled
.
Features
•Excellentairflowperformance
•Large,pleatedpre-filter
•HEPAfilterratingof99.97%at0.3micron
•Castersasstandard
•Dustfiltersealkeepsfilterhousingclean
•Minimumoperatingnoise
•Compactsize,unitfitsundermostworkbenches
•Connectsupto4Omniflexarmswithrectangular
nozzle(EA1122)orlargehood(EA1126)
•Connectsupto8BVXarmsor8Omniflexarms
withtaperednozzle(EA1124)
.
Controls and Filter Monitor
•UnitOn/OffSwitchwithpowerindicatorlight
•Thermaloverloadprotection
•Analogmodelswithfilterstatusgauge
•Digitalmodelswithfilterstatusindicatorlightsand
othercontroloptions
.
Options
AC2204
TopCoverwith2AirinletsØ100mm(4")
and2AirInletsØ63mm(2,.5")
Replacement Parts
FIL22P030
PrefilterPleated60%Efficiency(Packof2)
FIL22HO70
CombinationFilterHEPA/Carbon
Technical Specifications
MFX-2200C-A (Analog)
MFX-2206C-A (Analog)
MFX-2200C-D (Digital)
MFX-2206C-D (Digital)
110V
230V
AirInletOpenings
4x
Ø2.5"
4x
Ø63mm
FanCapacity
600cfm
900m3/h
FlowRate
400cfm
600m3/h
HEPAEfficiency
99.97%at0.3micron
99.97%at0.3micron
StaticPressure
4.5"WCMaximum
1075Pa
PowerSupply
100-120VAC,60Hz
220-240VAC,50Hz
Power
400Watt
400Watt
NoiseLevel
58dBA
58dBA
Dimensions(WxDxH)
17.7"x20.75"x26.4"
450x525x670mm
Weight
93lbs
43kg
Certification
UL,CSA
CE
Max.DuctRun
30m
30m
PleatedPre-Filter
HEPAFilter
GasFilter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com