Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS1 Datasheet(PDF) 26 Page - Metcal

Part # WS1
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS1 Datasheet(HTML) 26 Page - Metcal

Back Button WS1 Datasheet HTML 22Page - Metcal WS1 Datasheet HTML 23Page - Metcal WS1 Datasheet HTML 24Page - Metcal WS1 Datasheet HTML 25Page - Metcal WS1 Datasheet HTML 26Page - Metcal WS1 Datasheet HTML 27Page - Metcal WS1 Datasheet HTML 28Page - Metcal WS1 Datasheet HTML 29Page - Metcal WS1 Datasheet HTML 30Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
23
.19"
.08"
4.7mm
2.03mm
.07"
9.9mm
30
∞
.39"
1.78mm
.04"
.56"
.02"
60∞
.51mm
14.2mm
.02"
.19"
0.5mm
4.8mm
.14"
.19"
.21" 5.3mm
4.8mm
3.6mm
.016"
7.9mm
.
31"
0.4mm
30
°
0.65"
16.51mm
.03"
.76mm
30
°
.60"
15.24mm
.02"
.51mm
60
°
.65"
16.51mm
.045"
1.14mm
60
°
.45"
11.43mm
.035"
.89mm
.52"
13.2mm
.01"
.25mm
.06"
30
∞
.65"
16.51mm
1.52mm
.08"
60
∞
.60"
15.24mm
2.03mm
.12"
60
∞
.60"
15.24mm
3.05mm
.13"
.70"
60
∞
3.3mm
17.78mm
.19"
.08"
.65"
45
∞
4.83mm
1
2.03mm
.23"
45
∞
.65"
.19"
5.84mm
4.83mm
.41"
10.4mm
A
60°
60°
Sameasabove.**=Notavailablefor500and800Series
Soldering & Rework Cartridges
STTC-126*
SharpBent30°
0.4mm(.016̎)
STTC-114
Bevel45°
2.3mm(.08̎)
STTC-135
Bevel30°
1.78mm(.07̎)
STTC-197
GrovedSemi-Rigid
Coax
STTC-146
LongReachBevel60°
1.0mm(.04̎)
STTC-170
HeatStaking
4.8mm(.19̎)
SMTC-1171
ConicalBent30º
0.76mm(.03̎)
SMTC-1172
ConicalBent30ºFine
0.51mm(.02̎)
SMTC-1174
LongReachMicroHoof
1.14mm(.045̎)
SMTC-1175
LongReachMicroHoof
0.89mm(.035̎)
STTC-190*
ConicalMicrofine
0.25mm(.01̎)
MICRO FINE REWORK CARTRIDGES For reworking 0201 and 0402 or microfine components in tight spaces
SMTC-1147*
Hoof
3.3mm(.13̎)
SMTC-1167**
Mini-Hoof
1.52mm(.06̎)
SMTC-1169**
LongReachHoof
2.03mm(.08̎)
SMTC-1170**
LongReachHoof
3.05mm(.12̎)
SMTC-1161*
Knife-TinnedArea
2.03mm(.08̎)
SMTC-1173
Knife-IncreasedTinnedArea
5.84mm(.23̎)
HOOF AND KNIFE CARTRIDGES For Drag Soldering
BLADE CARTRIDGES
Part No.
Description
A
SMTC-1110** DualHeaterQuad
39.37mm(1.55̎)
SMTC-162
BladeCartridges
22.10mm(0.870̎)Long
SMTC-161
BladeCartridges
15.75mm(0.620̎)Long
SMTC-160
BladeCartridges
10.41mm(0.410̎)Long
SMTC-163** DualHeaterBlade
45.46mm(1.79̎)Long
SMTC-164** ShortBlade
5mm(0.20̎)
for Metcal MX-500 Series
1
=700Seriesformoststandardapplications.0=600seriesand5=500seriesalsoavailablefortemperaturesensitiveapplications.
8
=800Seriesforceramicapplications,onlyavailablefor*.Toordertheseseries,replace1witheither0,5or8.
1
=700Seriesformoststandardapplications.0=600seriesand5=500seriesalsoavailablefortemperaturesensitiveapplications.
8
=800Seriesforceramicapplications,onlyavailablefor*.Toordertheseseries,replace1witheither0,5or8.
Sameasabove.*=Notavailablefor800Series **=Notavailablefor500and800Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com