Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS1 Datasheet(PDF) 29 Page - Metcal

Part # WS1
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS1 Datasheet(HTML) 29 Page - Metcal

Back Button WS1 Datasheet HTML 25Page - Metcal WS1 Datasheet HTML 26Page - Metcal WS1 Datasheet HTML 27Page - Metcal WS1 Datasheet HTML 28Page - Metcal WS1 Datasheet HTML 29Page - Metcal WS1 Datasheet HTML 30Page - Metcal WS1 Datasheet HTML 31Page - Metcal WS1 Datasheet HTML 32Page - Metcal WS1 Datasheet HTML 33Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
26
.40"
1.5mm
10mm
.06"
.43"
1.0mm
.04"
11mm
15mm
.055"
.590"
1.4mm
.04"
.60"
1.0mm
15.2mm
.70"
.05"
17.8mm
1.27mm
.70"
.016"
17.8mm
2.3mm
.64"
45º
.02"
.18"
16.25mm
0.5mm
4.5mm
.24"
6.1mm
.64"
45º
.02"
.18"
16.25mm
0.5mm
4.5mm
.65"
.07"
1.78mm
16.5mm
.40"
.07"
9.9mm
1.78mm
.07"
14.2mm
60
∞
1.78mm
.56"
.75"
.016"
0.4mm
19mm
.10"
.39"
2.5mm
9.9mm
.73"
.02"
.51mm
18.5mm
.45"
.02"
0.51mm
11.4mm
.63"
.07"
1.78mm
16mm
.40"
.21"
5.3mm
10mm
.30"
.13"
7.6mm
3.3mm
.65"
.12"
3.0mm
16.5mm
.45"
0.51mm
.02"
11.4mm
.39"
.07"
9.9mm
1.78mm
.36"
.04"
1.0mm
9.1mm
0.400"
Soldering Cartridges
SSC-738A
Chisel30º
1.5mm(.06̎)
SSC-725A
Chisel30º
1.0mm(.04̎)
SSC-774A
ConicalSharp
1.4mm(.055̎)
SSC-701A
ConicalSharp
1.0mm(.04̎)
SSC-767A
DragSolderingTip
(Mini-Hoof)
SSC-761A
DragSolderingTip
(Knife)
SSC-739A
DragSolderingTip
(Hoof)
SSC-773A
DragSolderingTip
(IncreasedTinnedArea
6.1mm(.24”)
SSC-736A
Chisel30º
2.5mm(.10̎)
SSC-742A
LongReachChisel60º
1.78mm(.07̎)
SSC-770A
LongChisel
1.78mm(.07̎)
SSC-737A
Chisel30º
1.78mm(.07̎)
SSC-754A*
SharpBent30º
0.51mm(.02̎)
SSC-726A
SharpBent30º
0.51mm(.02̎)
SSC-747A
Bevel60º
1.78mm(.07̎)
SSC-745A
Bevel60º
0.4mm(.016̎)
SSC-717A
ExtraLargeChisel
5.3mm(.21̎)
SSC-713A
Chisel90º
3.3mm(.13̎)
SSC-746A
LongReachChisel
3.0mm(.12̎)
SSC-722A
ConicalSharp
0.51mm(.02̎)
SSC-772A
ConicalChisel
1.78mm(.07̎)
SSC-771A
ConicalChisel
1.0mm(.04̎)
for Metcal SP200 System
7
=700Seriesformoststandardapplications.6=600seriesand5=500seriesalsoavailablefortemperaturesensitiveapplications.Toordertheseseries,
replace7witheither6or5except*(notavailablefor500Series).
Standard
LongReach
Part No.
Description
øAmm(in) øBmm(in)
STDC-102** StandardTipCartridge 0.64mm(.025̎) 0.55mm(.140̎)
STDC-103** StandardTipCartridge 0.30mm(.076̎) 1.68mm(.066̎)
STDC-104** StandardTipCartridge 1.02mm(.040̎) 1.78mm(.070̎)
STDC-105** StandardTipCartridge 1.27mm(.050̎) 2.03mm(.080̎)
STDC-106** StandardTipCartridge 1.52mm(.060̎) 2.29mm(.090̎)
STDC-107** StandardTipCartridge 2.41mm(.095̎) 3.18mm(.125̎)
STDC-703L* LongReachTipCartridge 0.76mm(.030̎) 1.68mm(.066̎)
STDC-704L* LongReachTipCartridge 1.02mm(.040̎) 1.79mm(.070̎)
STDC-705L* LongReachTipCartridge 1.27mm(.050̎) 2.03mm(.080̎)
for Metcal MX-500DS
Desoldering
Cartridges
1
=700Seriesexcept
*7=700Seriesformoststandardapplications.8=800Seriesalsoavailable.
0
=600Series,onlyavailablefor
**.Toordertheseseries,replace1witheither0or8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com