Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS1 Datasheet(PDF) 33 Page - Metcal

Part # WS1
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS1 Datasheet(HTML) 33 Page - Metcal

Back Button WS1 Datasheet HTML 29Page - Metcal WS1 Datasheet HTML 30Page - Metcal WS1 Datasheet HTML 31Page - Metcal WS1 Datasheet HTML 32Page - Metcal WS1 Datasheet HTML 33Page - Metcal WS1 Datasheet HTML 34Page - Metcal WS1 Datasheet HTML 35Page - Metcal WS1 Datasheet HTML 36Page - Metcal WS1 Datasheet HTML 37Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
01
30
A
A
B
B
A
Nozzle Selection
TheHCT-900issuppliedwithastandardsingle
jetH-D50(0.2",5.0mm)nozzle.Inadditiontwo
reworknozzlekits,predefinedforspecific
applications,areavailable,aswellasafull
selectionofnozzles.
Part No.
Description
NZKT-1
NozzleKitforChipResistors,SOIC&TSOP
Packages.Includes(oneeach):
• H-D25
• H-SL16
• H-SL28
• H-SOJ40
• H-TS48
NZKT-2
NozzleKitforPLCC,QFP&BQFP
packages.Includes(oneeach):
• H-P20
• H-P44
• H-P84
• H-Q1420
• H-Q2626
Model
ChipType
Amm(in)
Bmm(in)
H-P20
PLCC-20
11.9(0.47")
11.9(0.46")
H-P28
PLCC-28
14.5(0.57")
14.5(0.57")
H-P32
PLCC-32
16.9(0.67")
14.3(0.56")
H-P44
PLCC-44
19.5(0.77")
19.5(0.77")
H-P52
PLCC-52
22.0(0.86")
22.1(0.87")
H-P68
PLCC-68
27.0(1.06")
27.2(1.07")
H-P84
PLCC-84
32.4(1.28")
32.4(1.28")
H-Q07
QFP-48
8.4(0.33")
8.4(0.33")
H-Q10
QFP-44
13.4(0.53")
13.4(0.53")
H-Q14
QFP-52,80
17.3(0.68")
17.3(0.68")
H-Q1420 QFP-64,80,100
23.4(0.92")
18.1(0.71")
H-Q28 QFP-120,128,144,160 31.2(1.23")
31.2(1.23")
H-BQ23
BQFP-100
22.4(0.88")
22.4(0.88")
H-Q3232
QFP-240
34.5(1.36")
34.5(1.36")
H-BQ38
BQFP-196
37.7(1.48")
37.7(1.48")
H-Q2626
QFP-208
29.8(1.17")
29.8(1.17")
H-S16
SOIC14,16
6.8(0.27")
10.2(0.4")
H-SL16
SOL14,16
10.6(0.41")
10.8(0.43")
H-SL20
SOL20,20J
10.6(0.41")
13.3(0.52")
H-SL24
SOL24,24J
10.6(0.41")
15.9(0.63")
H-SL28
SOL28
10.6(0.41")
18.4(0.72")
H-SL44
SOL44
16.0(0.41")
27.9(1.1")
H-SOJ32
SOJ32
13.5(0.53")
20.6(0.81")
H-SOJ40
SOJ40
13.5(0.53")
25.4(1.0")
H-TS24
TSOP20-24
17.0(0.67")
7.1(0.28")
H-TS32
TSOP28-32
21.0(0.83")
9.1(0.36")
H-TS40
TSOP40
21.0(0.83")
10.8(0.43")
H-TS48
TSOP48
21.0(0.83")
13.3(0.52")
H-TSW24
TSOP20-24
10.2(0.4")
18.4(0.72")
H-TSW44 TSOP24-28/40-44
12.7(0.5")
19.8(1.78")
Model
øA(mm)
H-D25
2.5(0.1")
H-D50
5.0(0.2")
H-D120
12.0(0.47")
Specifications
InputLineVoltage
230VHCT-900-21/115VHCT-900-11
Power
320W
AirPumpType
Diaphragm
AirFlow
6-25l/min
ControlTemperature
100ºC-500ºC(212ºF-932ºF)
Dimensionswxlxh
6.7"x8.7"x5.5"inches,170x210x140mm
NoiseLevel
Lessthan46dBA
SurfaceResistivity
Unit:105Ω-106Ω.Hand-piece&tube:107Ω-1011Ω
Weight
10.4lbs.(4.7kg)
Certification/Approvals
cTUVus,CE
PLCC,BQFP,QFP
SOIC,TSOP
CHIP&SOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com