Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL032A Datasheet(PDF) 26 Page - SPANSION

Part # S29GL032A
Description  64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 26 Page - SPANSION

Back Button S29GL032A Datasheet HTML 22Page - SPANSION S29GL032A Datasheet HTML 23Page - SPANSION S29GL032A Datasheet HTML 24Page - SPANSION S29GL032A Datasheet HTML 25Page - SPANSION S29GL032A Datasheet HTML 26Page - SPANSION S29GL032A Datasheet HTML 27Page - SPANSION S29GL032A Datasheet HTML 28Page - SPANSION S29GL032A Datasheet HTML 29Page - SPANSION S29GL032A Datasheet HTML 30Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 95 page
background image
26
S29GL-A
S29GL-A_00_A11 September 10, 2007
Da ta
Sh e e t
Table 7.3 S29GL016A (Model R2, W2) Bottom Boot Sector Addresses
Sector
A19–A12
Sector
Size
(KB/
Kwords)
8-bit Address
Range
16-bit Address
Range
Sector
A19–A12
Sector
Size
(KB/
Kwords)
8-bit Address
Range
16-bit Address
Range
SA0
000000000
8/4
000000h–001FFFh
00000h–00FFFh
SA19
001100xxx
64/32
0C0000h–0CFFFFh
60000h–67FFFh
SA1
000000001
8/4
002000h–003FFFh
01000h–01FFFh
SA20
001101xxx
64/32
0D0000h–0DFFFFh
68000h–6FFFFh
SA2
000000010
8/4
004000h–005FFFh
02000h–02FFFh
SA21
001101xxx
64/32
0E0000h–0EFFFFh
70000h–77FFFh
SA3
000000011
8/4
006000h–007FFFh
03000h–03FFFh
SA22
001111xxx
64/32
0F0000h–0FFFFFh
78000h–7FFFFh
SA4
000000100
8/4
008000h–009FFFh
04000h–04FFFh
SA23
010000xxx
64/32
100000h–00FFFFh
80000h–87FFFh
SA5
000000101
8/4
00A000h–00BFFFh
05000h–05FFFh
SA24
010001xxx
64/32
110000h–11FFFFh
88000h–8FFFFh
SA6
000000110
8/4
00C000h–00DFFFh
06000h–06FFFh
SA25
010010xxx
64/32
120000h–12FFFFh
90000h–97FFFh
SA7
000000111
8/4
00E000h–00FFFFFh
07000h–07FFFh
SA26
010011xxx
64/32
130000h–13FFFFh
98000h–9FFFFh
SA8
000001xxx
64/32
010000h–01FFFFh
08000h–0FFFFh
SA27
010100xxx
64/32
140000h–14FFFFh
A0000h–A7FFFh
SA9
000010xxx
64/32
020000h–02FFFFh
10000h–17FFFh
SA28
010101xxx
64/32
150000h–15FFFFh
A8000h–AFFFFh
SA10
000011xxx
64/32
030000h–03FFFFh
18000h–1FFFFh
SA29
010110xxx
64/32
160000h–16FFFFh
B0000h–B7FFFh
SA11
000100xxx
64/32
040000h–04FFFFh
20000h–27FFFh
SA30
010111xxx
64/32
170000h–17FFFFh
B8000h–BFFFFh
SA12
000101xxx
64/32
050000h–05FFFFh
28000h–2FFFFh
SA31
011000xxx
64/32
180000h–18FFFFh
C0000h–C7FFFh
SA13
000110xxx
64/32
060000h–06FFFFh
30000h–37FFFh
SA32
011001xxx
64/32
190000h–19FFFFh
C8000h–CFFFFh
SA14
000111xxx
64/32
070000h–07FFFFh
38000h–3FFFFh
SA33
011010xxx
64/32
1A0000h–1AFFFFh
D0000h–D7FFFh
SA15
001000xxx
64/32
080000h–08FFFFh
40000h–47FFFh
SA34
011011xxx
64/32
1B0000h–1BFFFFh
D8000h–DFFFFh
SA16
001001xxx
64/32
090000h–09FFFFh
48000h–4FFFFh
SA35
011000xxx
64/32
1C0000h–1CFFFFh
E0000h–E7FFFh
SA17
001010xxx
64/32
0A0000h–0AFFFFh
50000h–57FFFh
SA36
011101xxx
64/32
1D0000h–1DFFFFh
E8000h–EFFFFh
SA18
001011xxx
64/32
0B0000h–0BFFFFh
58000h–5FFFFh
SA37
011110xxx
64/32
1E0000h–1EFFFFh
F0000h–F7FFFh
SA38
011111xxx
64/32
1F0000h–1FFFFFh
F8000h–FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com