Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL032A Datasheet(PDF) 57 Page - SPANSION

Part # S29GL032A
Description  64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 57 Page - SPANSION

Back Button S29GL032A Datasheet HTML 53Page - SPANSION S29GL032A Datasheet HTML 54Page - SPANSION S29GL032A Datasheet HTML 55Page - SPANSION S29GL032A Datasheet HTML 56Page - SPANSION S29GL032A Datasheet HTML 57Page - SPANSION S29GL032A Datasheet HTML 58Page - SPANSION S29GL032A Datasheet HTML 59Page - SPANSION S29GL032A Datasheet HTML 60Page - SPANSION S29GL032A Datasheet HTML 61Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 95 page
background image
September 10, 2007 S29GL-A_00_A11
S29GL-A
57
Data
She e t
Figure 9.2 Program Operation
Note
See Table 10.2 on page 61 and Table 10.1 on page 62 for program command sequence.
9.5
Program Suspend/Program Resume Command Sequence
The Program Suspend command allows the system to interrupt a programming operation or a Write to Buffer
programming operation so that data can be read from any non-suspended sector. When the Program
Suspend command is written during a programming process, the device halts the program operation within
15
μs maximum (5μs typical) and updates the status bits. Addresses are not required when writing the
Program Suspend command.
After the programming operation is suspended, the system can read array data from any non-suspended
sector. The Program Suspend command may also be issued during a programming operation while an erase
is suspended. In this case, data may be read from any addresses not in Erase Suspend or Program Suspend.
If a read is needed from the Secured Silicon Sector area (One-time Program area), then user must use the
proper command sequences to enter and exit this region. Note that the Secured Silicon Sector, autoselect,
and CFI functions are unavailable when a program operation is in progress.
The system may also write the autoselect command sequence when the device is in the Program Suspend
mode. The system can read as many autoselect codes as required. When the device exits the autoselect
mode, the device reverts to the Program Suspend mode, and is ready for another valid operation. See
Autoselect Command Sequence on page 53 for more information.
After the Program Resume command is written, the device reverts to programming. The system can
determine the status of the program operation using the DQ7 or DQ6 status bits, just as in the standard
program operation. See Write Operation Status on page 63 for more information.
The system must write the Program Resume command (address bits are don’t care) to exit the Program
Suspend mode and continue the programming operation. Further writes of the Resume command are
ignored. Another Program Suspend command can be written after the device resumes programming.
START
Write Program
Command Sequence
Data Poll
from System
Verify Data?
No
Yes
Last Address?
No
Yes
Programming
Completed
Increment Address
Embedded
Program
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com