Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL032A Datasheet(PDF) 15 Page - SPANSION

Part # S29GL032A
Description  64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 15 Page - SPANSION

Back Button S29GL032A Datasheet HTML 11Page - SPANSION S29GL032A Datasheet HTML 12Page - SPANSION S29GL032A Datasheet HTML 13Page - SPANSION S29GL032A Datasheet HTML 14Page - SPANSION S29GL032A Datasheet HTML 15Page - SPANSION S29GL032A Datasheet HTML 16Page - SPANSION S29GL032A Datasheet HTML 17Page - SPANSION S29GL032A Datasheet HTML 18Page - SPANSION S29GL032A Datasheet HTML 19Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 95 page
background image
September 10, 2007 S29GL-A_00_A11
S29GL-A
15
Data
She e t
4.
Pin Descriptions
5.
Logic Symbols
5.1
Logic Symbol–S29GL064A (Models R1, R2, R8, R9)
A21–A0
22 Address inputs
A20–A0
21 Address inputs
A19–A0
20 Address inputs
DQ7–DQ0
8 Data inputs/outputs
DQ14–DQ0
15 Data inputs/outputs
DQ15/A-1
DQ15 (Data input/output, word mode), A-1 (LSB Address input, byte mode)
CE#
Chip Enable input
OE#
Output Enable input
WE#
Write Enable input
WP#/ACC
Hardware Write Protect input/Programming Acceleration input
ACC
Acceleration input
WP#
Hardware Write Protect input
RESET#
Hardware Reset Pin input
RY/BY#
Ready/Busy output
BYTE#
Selects 8-bit or 16-bit mode
VCC
3.0 volt-only single power supply
(See Product Selector Guide on page 9 for speed options and voltage supply tolerances)
VSS
Device Ground
NC
Pin Not Connected Internally
VIO
Output Buffer Power
22
16 or 8
DQ15–DQ0
(A-1)
A21–A0
CE#
OE#
WE#
RESET#
RY/BY#
WP#/ACC
BYTE#
VIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com