Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL032A Datasheet(PDF) 40 Page - SPANSION

Part # S29GL032A
Description  64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 40 Page - SPANSION

Back Button S29GL032A Datasheet HTML 36Page - SPANSION S29GL032A Datasheet HTML 37Page - SPANSION S29GL032A Datasheet HTML 38Page - SPANSION S29GL032A Datasheet HTML 39Page - SPANSION S29GL032A Datasheet HTML 40Page - SPANSION S29GL032A Datasheet HTML 41Page - SPANSION S29GL032A Datasheet HTML 42Page - SPANSION S29GL032A Datasheet HTML 43Page - SPANSION S29GL032A Datasheet HTML 44Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 95 page
background image
40
S29GL-A
S29GL-A_00_A11 September 10, 2007
Da ta
Sh e e t
7.8
Autoselect Mode
The autoselect mode provides manufacturer and device identification, and sector group protection
verification, through identifier codes output on DQ7–DQ0. This mode is primarily intended for programming
equipment to automatically match a device to be programmed with its corresponding programming algorithm.
However, the autoselect codes can also be accessed in-system through the command register.
When using programming equipment, the autoselect mode requires VID on address pin A9. Address pins A6,
A3, A2, A1, and A0 must be as shown in Table 7.12. In addition, when verifying sector protection, the sector
address must appear on the appropriate highest order address bits (see Table 7.4 on page 27 to Table 7.22
on page 45). Table 7.12 shows the remaining address bits that are don’t care. When all necessary bits are
set as required, the programming equipment may then read the corresponding identifier code on DQ7–DQ0.
To access the autoselect codes in-system, the host system can issue the autoselect command via the
command register, as shown in Table 10.2 on page 61 and Table 10.1 on page 62. This method does not
require VID. Refer to Autoselect Command Sequence on page 53 for more information.
Legend
L = Logic Low = VIL
H = Logic High = VIH
SA = Sector Address
X = Don’t care.
Table 7.12 Autoselect Codes, (High Voltage Method)
Description
CE#
OE#
WE#
A22
to
A15
A14
to
A10
A9
A8
to
A7
A6
A5
to
A4
A3
to
A2
A1 A0
DQ8 to DQ15
DQ7 to DQ0
Model Number
BYTE#
= VIH
BYTE#
= VIL
X1, X2,
R8, R9
X3, X4
R5, R6,
R7
Manufacturer ID:
Spansion Products
LL
H
X
X
VID
X
L
X
L
L
L
00
X
01h
01h
01h
Cycle 1
LL
H
X
X
VID
XLX
LL
H
22
X
7Eh
7Eh
7Eh
Cycle 2
H
H
L
22
X
0Ch
10h
13h
Cycle 3
H
H
H
22
X
01h
00h
(-R4, bottom boot)
01h
(-R3, top boot)
01h
Cycle 1
LL
H
X
X
VID
XLX
LL
H
22
X
7Eh
7Eh
Cycle 2
H
H
L
22
X
1Dh
1Ah
Cycle 3
H
H
H
22
X
00h
00h
(-R4/W4,
bottom boot)
01h
(-R3/W3,
top boot)
Cycle 1
L
L
H
X
X
VID
XX
XX
L
H
22
X
49h
(-R2/02/W2,
bottom boot)
C4h
(-R1/01/W1,
top boot)
Sector Group
Protection Verification
LL
H
SA
X
VID
XLX
L
H
L
X
X
01h (protected),
00h (unprotected)
Secured Silicon Sector
Indicator Bit (DQ7),
WP# protects highest
address sector
LL
H
X
X
VID
XLX
L
H
H
X
X
For S29GL064A and S29GL032A:
99h (factory locked),
19h (not factory locked)
For S29GL016A: 94h (factory locked),
14h (not factory locked)
Secured Silicon Sector
Indicator Bit (DQ7),
WP# protects lowest
address sector
LL
H
X
X
VID
XLX
L
H
H
X
X
For S29GL064A and S29GL032A:
89h (factory locked),
09h (not factory locked)
For S29GL016A: 84h (factory locked),
04h (not factory locked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com