Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL032A Datasheet(PDF) 52 Page - SPANSION

Part # S29GL032A
Description  64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 52 Page - SPANSION

Back Button S29GL032A Datasheet HTML 48Page - SPANSION S29GL032A Datasheet HTML 49Page - SPANSION S29GL032A Datasheet HTML 50Page - SPANSION S29GL032A Datasheet HTML 51Page - SPANSION S29GL032A Datasheet HTML 52Page - SPANSION S29GL032A Datasheet HTML 53Page - SPANSION S29GL032A Datasheet HTML 54Page - SPANSION S29GL032A Datasheet HTML 55Page - SPANSION S29GL032A Datasheet HTML 56Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 95 page
background image
52
S29GL-A
S29GL-A_00_A11 September 10, 2007
Da ta
Sh e e t
9.
Command Definitions
Writing specific address and data commands or sequences into the command register initiates device
operations. Table 10.2 on page 61 and Table 10.1 on page 62 define the valid register command sequences.
Writing incorrect address and data values or writing them in the improper sequence may place the device in
an unknown state. A reset command is then required to return the device to reading array data.
All addresses are latched on the falling edge of WE# or CE#, whichever happens later. All data is latched on
the rising edge of WE# or CE#, whichever happens first. Refer to AC Characteristics on page 72 for timing
diagrams.
9.1
Reading Array Data
The device is automatically set to reading array data after device power-up. No commands are required to
retrieve data. The device is ready to read array data after completing an Embedded Program or Embedded
Erase algorithm.
After the device accepts an Erase Suspend command, the device enters the erase-suspend-read mode, after
which the system can read data from any non-erase-suspended sector. After completing a programming
operation in the Erase Suspend mode, the system may once again read array data with the same exception.
See Erase Suspend/Erase Resume Commands on page 60 for more information.
The system must issue the reset command to return the device to the read (or erase-suspend-read) mode if
DQ5 goes high during an active program or erase operation, or if the device is in the autoselect mode. See
Reset Command on page 52 for more information.
See also Requirements for Reading Array Data in Device Bus Operations on page 22 for more information.
The Read-Only Operations–AC Characteristics on page 72 provide the read parameters, and Figure 16.2
on page 74 shows the timing diagram.
9.2
Reset Command
Writing the reset command resets the device to the read or erase-suspend-read mode. Address bits are don’t
cares for this command.
The reset command may be written between the sequence cycles in an erase command sequence before
erasing begins. This resets the device to the read mode. Once erasure begins, however, the device ignores
reset commands until the operation is complete.
The reset command may be written between the sequence cycles in a program command sequence before
programming begins. This resets the device to the read mode. If the program command sequence is written
while the device is in the Erase Suspend mode, writing the reset command returns the device to the erase-
suspend-read mode. Once programming begins, however, the device ignores reset commands until the
operation is complete.
The reset command may be written between the sequence cycles in an autoselect command sequence.
Once in the autoselect mode, the reset command must be written to return to the read mode. If the device
entered the autoselect mode while in the Erase Suspend mode, writing the reset command returns the device
to the erase-suspend-read mode.
If DQ5 goes high during a program or erase operation, writing the reset command returns the device to the
read mode (or erase-suspend-read mode if the device was in Erase Suspend).
Note that if DQ1 goes high during a Write Buffer Programming operation, the system must write the Write-to-
Buffer-Abort Reset command sequence to reset the device for the next operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com