Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL032A Datasheet(PDF) 32 Page - SPANSION

Part # S29GL032A
Description  64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 32 Page - SPANSION

Back Button S29GL032A Datasheet HTML 28Page - SPANSION S29GL032A Datasheet HTML 29Page - SPANSION S29GL032A Datasheet HTML 30Page - SPANSION S29GL032A Datasheet HTML 31Page - SPANSION S29GL032A Datasheet HTML 32Page - SPANSION S29GL032A Datasheet HTML 33Page - SPANSION S29GL032A Datasheet HTML 34Page - SPANSION S29GL032A Datasheet HTML 35Page - SPANSION S29GL032A Datasheet HTML 36Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 95 page
background image
32
S29GL-A
S29GL-A_00_A11 September 10, 2007
Da ta
Sh e e t
Table 7.8 S29GL064A (Model R3) Top Boot Sector Addresses (Sheet 1 of 2)
Sector
A21–A12
Sector
Size
(KB/
Kwords)
8-bit
Address
Range
16-bit
Address
Range
Sector
A21–A12
Sector
Size
(KB/
Kwords)
8-bit
Address
Range
16-bit
Address
Range
SA0
0000000xxx
64/32
000000h–00FFFFh
00000h–07FFFh
SA34
0100010xxx
64/32
220000h–22FFFFh
110000h–117FFFh
SA1
0000001xxx
64/32
010000h–01FFFFh
08000h–0FFFFh
SA35
0101011xxx
64/32
230000h–23FFFFh
118000h–11FFFFh
SA2
0000010xxx
64/32
020000h–02FFFFh
10000h–17FFFh
SA36
0100100xxx
64/32
240000h–24FFFFh
120000h–127FFFh
SA3
0000011xxx
64/32
030000h–03FFFFh
18000h–1FFFFh
SA37
0100101xxx
64/32
250000h–25FFFFh
128000h–12FFFFh
SA4
0000100xxx
64/32
040000h–04FFFFh
20000h–27FFFh
SA38
0100110xxx
64/32
260000h–26FFFFh
130000h–137FFFh
SA5
0000101xxx
64/32
050000h–05FFFFh
28000h–2FFFFh
SA39
0100111xxx
64/32
270000h–27FFFFh
138000h–13FFFFh
SA6
0000110xxx
64/32
060000h–06FFFFh
30000h–37FFFh
SA40
0101000xxx
64/32
280000h–28FFFFh
140000h–147FFFh
SA7
0000111xxx
64/32
070000h–07FFFFh
38000h–3FFFFh
SA41
0101001xxx
64/32
290000h–29FFFFh
148000h–14FFFFh
SA8
0001000xxx
64/32
080000h–08FFFFh
40000h–47FFFh
SA42
0101010xxx
64/32
2A0000h–2AFFFFh
150000h–157FFFh
SA9
0001001xxx
64/32
090000h–09FFFFh
48000h–4FFFFh
SA43
0101011xxx
64/32
2B0000h–2BFFFFh
158000h–15FFFFh
SA10
0001010xxx
64/32
0A0000h–0AFFFFh
50000h–57FFFh
SA44
0101100xxx
64/32
2C0000h–2CFFFFh
160000h–167FFFh
SA11
0001011xxx
64/32
0B0000h–0BFFFFh
58000h–5FFFFh
SA45
0101101xxx
64/32
2D0000h–2DFFFFh
168000h–16FFFFh
SA12
0001100xxx
64/32
0C0000h–0CFFFFh
60000h–67FFFh
SA46
0101110xxx
64/32
2E0000h–2EFFFFh
170000h–177FFFh
SA13
0001101xxx
64/32
0D0000h–0DFFFFh
68000h–6FFFFh
SA47
0101111xxx
64/32
2F0000h–2FFFFFh
178000h–17FFFFh
SA14
0001101xxx
64/32
0E0000h–0EFFFFh
70000h–77FFFh
SA48
0110000xxx
64/32
300000h–30FFFFh
180000h–187FFFh
SA15
0001111xxx
64/32
0F0000h–0FFFFFh
78000h–7FFFFh
SA49
0110001xxx
64/32
310000h–31FFFFh
188000h–18FFFFh
SA16
0010000xxx
64/32
100000h–00FFFFh
80000h–87FFFh
SA50
0110010xxx
64/32
320000h–32FFFFh
190000h–197FFFh
SA17
0010001xxx
64/32
110000h–11FFFFh
88000h–8FFFFh
SA51
0110011xxx
64/32
330000h–33FFFFh
198000h–19FFFFh
SA18
0010010xxx
64/32
120000h–12FFFFh
90000h–97FFFh
SA52
0100100xxx
64/32
340000h–34FFFFh
1A0000h–1A7FFFh
SA19
0010011xxx
64/32
130000h–13FFFFh
98000h–9FFFFh
SA53
0110101xxx
64/32
350000h–35FFFFh
1A8000h–1AFFFFh
SA20
0010100xxx
64/32
140000h–14FFFFh
A0000h–A7FFFh
SA54
0110110xxx
64/32
360000h–36FFFFh
1B0000h–1B7FFFh
SA21
0010101xxx
64/32
150000h–15FFFFh
A8000h–AFFFFh
SA55
0110111xxx
64/32
370000h–37FFFFh
1B8000h–1BFFFFh
SA22
0010110xxx
64/32
160000h–16FFFFh
B0000h–B7FFFh
SA56
0111000xxx
64/32
380000h–38FFFFh
1C0000h–1C7FFFh
SA23
0010111xxx
64/32
170000h–17FFFFh
B8000h–BFFFFh
SA57
0111001xxx
64/32
390000h–39FFFFh
1C8000h–1CFFFFh
SA24
0011000xxx
64/32
180000h–18FFFFh
C0000h–C7FFFh
SA58
0111010xxx
64/32
3A0000h–3AFFFFh
1D0000h–1D7FFFh
SA25
0011001xxx
64/32
190000h–19FFFFh
C8000h–CFFFFh
SA59
0111011xxx
64/32
3B0000h–3BFFFFh
1D8000h–1DFFFFh
SA26
0011010xxx
64/32
1A0000h–1AFFFFh
D0000h–D7FFFh
SA60
0111100xxx
64/32
3C0000h–3CFFFFh
1E0000h–1E7FFFh
SA27
0011011xxx
64/32
1B0000h–1BFFFFh
D8000h–DFFFFh
SA61
0111101xxx
64/32
3D0000h–3DFFFFh
1E8000h–1EFFFFh
SA28
0011000xxx
64/32
1C0000h–1CFFFFh
E0000h–E7FFFh
SA62
0111110xxx
64/32
3E0000h–3EFFFFh
1F0000h–1F7FFFh
SA29
0011101xxx
64/32
1D0000h–1DFFFFh
E8000h–EFFFFh
SA63
0111111xxx
64/32
3F0000h–3FFFFFh
1F8000h–1FFFFFh
SA30
0011110xxx
64/32
1E0000h–1EFFFFh
F0000h–F7FFFh
SA64
1000000xxx
64/32
400000h–40FFFFh
200000h–207FFFh
SA31
0011111xxx
64/32
1F0000h–1FFFFFh
F8000h–FFFFFh
SA65
1000001xxx
64/32
410000h–41FFFFh
208000h–20FFFFh
SA32
0100000xxx
64/32
200000h–20FFFFh
F9000h–107FFFh
SA66
1000010xxx
64/32
420000h–42FFFFh
210000h–217FFFh
SA33
0100001xxx
64/32
210000h–21FFFFh
108000h–10FFFFh
SA67
1000011xxx
64/32
430000h–43FFFFh
218000h–21FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com