Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL032A Datasheet(PDF) 19 Page - SPANSION

Part # S29GL032A
Description  64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 19 Page - SPANSION

Back Button S29GL032A Datasheet HTML 15Page - SPANSION S29GL032A Datasheet HTML 16Page - SPANSION S29GL032A Datasheet HTML 17Page - SPANSION S29GL032A Datasheet HTML 18Page - SPANSION S29GL032A Datasheet HTML 19Page - SPANSION S29GL032A Datasheet HTML 20Page - SPANSION S29GL032A Datasheet HTML 21Page - SPANSION S29GL032A Datasheet HTML 22Page - SPANSION S29GL032A Datasheet HTML 23Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 95 page
background image
September 10, 2007 S29GL-A_00_A11
S29GL-A
19
Data
She e t
6.
Ordering Information
6.1
S29GL016A Standard Products
Standard products are available in several packages and operating ranges. The order number (Valid
Combination) is formed by a combination of the following:
Notes
1. Type 0 is standard. Specify others as required: TSOPs can be packed in Types 0 and 3; BGAs can be packed in Types 0, 2, or 3.
2. TSOP package marking omits packing type designator from ordering part number.
3. BGA package marking omits leading S29 and packing type designator from ordering part number.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local
sales office to confirm availability of specific valid combinations and to check on newly released
combinations.
S29GL016A
10
T
A
I
R1
0
Packing Type
0= Tray
2
= 7-inch Tape and Reel
3
= 13-inch Tape and Reel
Model Number
R1 = x8/x16, VCC=3.0 – 3.6 V, Top boot sector device, top two address sectors protected
when WP#/ACC=VIL
R2 = x8/x16, VCC=3.0 – 3.6 V, Bottom boot sector device, bottom two address sectors
protected when WP#/ACC=VIL
01 = x8/x16, Vcc = 2.7 - 3.6 V, Top boot sector device, top two address sectors protected
when WP#/ACC = VIL
02 = x8/x16, Vcc = 2.7 - 3.6 V, Bottom boot sector device, bottom two address sectors
protected when WP#/ACC = VIL
W1= x16, VCC=2.7 – 3.6 V, 56-ball FBGA, top boot sector device*
W2= x16, VCC=2.7 – 3.6 V, 56-ball FBGA, bottom boot sector device*
*W1 and W2 are MCP-compatible packages for cellular handsets only
Temperature Range
I
= Industrial (–40°C to +85°C)
Package Material Set
A = Standard
F
= Pb-Free
Package Type
T
= Thin Small Outline Package (TSOP) Standard Pinout
B = Fine-pitch Ball-Grid Array Package
F
= Fortified Ball-Grid Array Package
Speed Option
See Product Selector Guide on page 9 and Valid Combinations below
Device Number/Description
S29GL016A
3.0 Volt-only, 16 Megabit Page-Mode Flash Memory Manufactured on 200 nm MirrorBit
® Process Technology.
Table 6.1 S29GL016A Ordering Options
S29GL016A Valid Combinations
Package Description
(Notes)
Device
Number
Speed
Option
Package, Material,
& Temperature Range
Model
Number
Packing
Type (Note 1)
S29GL016A
90, 10
TAI, TFI
R1, R2
0, 3
TS048 (Note 2)
TSOP
BAI, BFI
0, 2, 3
VBK048 (Note 3)
Fine-Pitch BGA
FAI, FFI
LAA064 (Note 3)
Fortified BGA
10
BAI, BFI
W1, W2
VBU056 (Note 3)
Fine-Pitch BGA
(For cellular handsets only)
10
TAI, TFI
01, 02
0, 3
TS048 (Note 2)
TSOP
BAI, BFI
0, 2, 3
VBK048 (Note 3)
Fine-Pitch BGA
FAI, FFI
LAA064 (Note 3)
Fortified BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com