Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLWS115 Datasheet(PDF) 24 Page - Texas Instruments

Part # SLWS115
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS115 Datasheet(HTML) 24 Page - Texas Instruments

Back Button SLWS115 Datasheet HTML 20Page - Texas Instruments SLWS115 Datasheet HTML 21Page - Texas Instruments SLWS115 Datasheet HTML 22Page - Texas Instruments SLWS115 Datasheet HTML 23Page - Texas Instruments SLWS115 Datasheet HTML 24Page - Texas Instruments SLWS115 Datasheet HTML 25Page - Texas Instruments SLWS115 Datasheet HTML 26Page - Texas Instruments SLWS115 Datasheet HTML 27Page - Texas Instruments SLWS115 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
3–12
SCLK
FS
DIN
DOUT
16–Bit DAC Data
Register Data Write
16–Bit ADC Data
Register Data Read
Slot Number 0
Slot Number 1
Figure 3–13. Standard Operation/Programming Mode: Stand-Alone Timing
SCLK
FS
DIN/
DOUT
0
12
2n–1
2n–2
2n–3
Master Slave
n–2
Slave
n–3
Slave
2
Slave
1
Slave
0
Master Slave
n–2
Slave
n–3
Slave
2
Slave
1
Slave
0
Data Frame
Control Frame
(Register R/W)
16 SCLKs Per Slot
Slot
Number
NOTE: n is the total number of AIC15s in the cascade
Figure 3–14. Standard Operation/Programming Mode: Master-Slave Cascade Timing
3.8.2
Continuous Data Transfer Mode
The continuous data transfer mode, selected by setting bit D6 of the control register 1 to 1, contains conversion data
only. In continuous data transfer mode, the control frame is eliminated and the period of FS signal contains only the
data frame in which the 16-bit data is transferred contiguously, with no inactivity between bits. The control frame can
be reactivated by setting the LSB of DIN data to 1 if the data is in the 15+1 format. To return the programming mode
in the 16-bit DAC data format mode, write 0 in bit D6 of control register 1 using I2C or S2C, or do a hardware reset
to come out of continuous data transfer mode. The continuous data transfer mode can support the TI DSP McBSPs
autobuffering unit (ABU) operation in which the serial port interrupts are not generated with each word transferred
to prevent CPU’s ISR overheads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com