Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLWS115 Datasheet(PDF) 6 Page - Texas Instruments

Part # SLWS115
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS115 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SLWS115 Datasheet HTML 2Page - Texas Instruments SLWS115 Datasheet HTML 3Page - Texas Instruments SLWS115 Datasheet HTML 4Page - Texas Instruments SLWS115 Datasheet HTML 5Page - Texas Instruments SLWS115 Datasheet HTML 6Page - Texas Instruments SLWS115 Datasheet HTML 7Page - Texas Instruments SLWS115 Datasheet HTML 8Page - Texas Instruments SLWS115 Datasheet HTML 9Page - Texas Instruments SLWS115 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
viii
5–4 FFT—ADC Channel (–1 dB Input)
5–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–5 FFT—ADC Channel (–3 dB Input)
5–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–6 FFT—DAC Channel (–3 dB Input)
5–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–7 FFT—DAC Channel (0 dB Input)
5–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–8 FFT—DAC Channel (–3 dB Input)
5–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–9 FFT—DAC Channel (0 dB Input)
5–9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–10 FFT—ADC Channel (–1 dB Input)
5–9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–11 ADC FIR Frequency Response
5–10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–12 ADC IIR Frequency Response
5–10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–13 DAC IIR Frequency Response (OSR = 512)
5–10
. . . . . . . . . . . . . . . . . . . . . . . . .
5–14 DAC IIR Frequency Response (OSR = 256)
5–10
. . . . . . . . . . . . . . . . . . . . . . . . .
5–15 DAC IIR Frequency Response (OSR = 128)
5–11
. . . . . . . . . . . . . . . . . . . . . . . . .
5–16 DAC FIR Frequency Response (OSR = 512)
5–11
. . . . . . . . . . . . . . . . . . . . . . . .
5–17 DAC FIR Frequency Response (OSR = 256)
5–11
. . . . . . . . . . . . . . . . . . . . . . . .
5–18 DAC FIR Frequency Response (OSR = 128)
5–11
. . . . . . . . . . . . . . . . . . . . . . . .
5–19 Single-Ended Microphone Input (Internal Common Mode)
5–12
. . . . . . . . . . . . .
5–20 Pseudo-Differential Microphone Input (External Common Mode)
5–13
. . . . . . .
List of Tables
Table
Title
Page
3–1
SMARTDM Device Addresses
3–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–2
Serial Interface Configurations
3–11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–3
Register Map
3–16
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–4
Register Addresses
3–16
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–1
Control Register 1 Bit Summary
4–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–2
Control Register 2 Bit Summary
4–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–3
Control Register 3 Bit Summary
4–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–4
Control Register 4 Bit Summary
4–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–5
Control Register 5A Bit Summary
4–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–6
A/D PGA Gain
4–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–7
Control Register 5B Bit Summary
4–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–8
D/A PGA Gain
4–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–9
Digital Sidetone Gain
4–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–10
Input Buffer Gain
4–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–11
Control Register 6 Bit Summary
4–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com