Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLWS115 Datasheet(PDF) 42 Page - Texas Instruments

Part # SLWS115
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS115 Datasheet(HTML) 42 Page - Texas Instruments

Back Button SLWS115 Datasheet HTML 38Page - Texas Instruments SLWS115 Datasheet HTML 39Page - Texas Instruments SLWS115 Datasheet HTML 40Page - Texas Instruments SLWS115 Datasheet HTML 41Page - Texas Instruments SLWS115 Datasheet HTML 42Page - Texas Instruments SLWS115 Datasheet HTML 43Page - Texas Instruments SLWS115 Datasheet HTML 44Page - Texas Instruments SLWS115 Datasheet HTML 45Page - Texas Instruments SLWS115 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
5–6
5.11 Timing Requirements (see Parameter Measurement Information)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
twH
Pulse duration, MCLK high
5
twL
Pulse duration, MCLK low
5
tsu1
Setup time, RESET, before MCLK high (see Figure 5–1)
3
th1
Hold time, RESET, after MCLK high (see Figure 5–1)
2
td1
Delay time, SCLK
↑ to FS/FSD↓
CL = 20 pF
5
ns
td2
Delay time, SCLK
↑ to FS/FSD↑
5
td3
Delay time, SCLK
↑ to DOUT
15
ten
Enable time, SCLK
↑ to DOUT
15
tdis
Disable time, SCLK
↑ to DOUT
15
tsu2
Setup time, DIN, before SCLK
↓
10
th2
Hold time, DIN, after SCLK
↓
10
th1
2.4 V
MCLK
RESET
2.4 V
tsu1
2.4 V
twL
twH
Figure 5–1. Hardware Reset Timing
td1
td2
td1
td2
ten
td3
tdis
tsu2
th2
D15
D15
SCLK
FS
FSD
DOUT
DIN
Figure 5–2. Serial Communication Timing
NOTE: Above Figures are meant to show timing delays only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com