Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLWS115 Datasheet(PDF) 7 Page - Texas Instruments

Part # SLWS115
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS115 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SLWS115 Datasheet HTML 3Page - Texas Instruments SLWS115 Datasheet HTML 4Page - Texas Instruments SLWS115 Datasheet HTML 5Page - Texas Instruments SLWS115 Datasheet HTML 6Page - Texas Instruments SLWS115 Datasheet HTML 7Page - Texas Instruments SLWS115 Datasheet HTML 8Page - Texas Instruments SLWS115 Datasheet HTML 9Page - Texas Instruments SLWS115 Datasheet HTML 10Page - Texas Instruments SLWS115 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
1–1
1 Introduction
The TLV320AIC15 is a true low-cost, low-power, high-performance, highly-integrated voiceband codec designed with
new technological advances. The TLV320AIC15 provides high resolution signal conversion from digital-to-analog
(D/A) and from analog-to-digital (A/D) using oversampling sigma-delta technology with programmable sampling rate.
1.1
Description
The TLV320AIC15 implements the smart time division multiplexed serial port (SMARTDM
). This is TI’s design
innovation to optimize DSP performance with its most advanced synchronous serial port in TDM format for glue-free
interface to popular DSPs (i.e., C5x, C6x) and microcontrollers. The SMARTDM supports both continuous data
transfer mode and on-the-fly reconfiguration programming mode. SMARTDM maximizes the bandwidth of data
transfer between the TLV320AIC15 DSP codec and the DSP. In normal operation, it automatically detects the number
of codecs in the serial interface and adjusts the number of time slots to match the number of codecs so that no time
slot in the TDM frame is wasted. In the turbo mode, it maintains the same number of time slots but maximizes the
bit transferred rate to 25 MHz to give the DSP more bandwidth to process other tasks in the same sampling period.
The SMARTDM technology allows up to 16 codecs to share a single 4-wire serial bus.
The TLV320AIC15 also provides a flexible host port. The host port interface is a two-wire serial interface that can be
programmed to be either an industrial standard I2C or a simple S2C (start-stop communication protocol).
The TLV320AIC15 also integrates all of the critical functions needed for most voice-band applications including MIC
preamp, handset/headset preamps, antialiasing filter (AAF), input/output programmable gain amplifier (PGA), and
selectable low-pass IIR/FIR filters.
The TLV320AIC15 implements an extensive power management; including device power-down, independent
software control for turning off ADC, DAC, op-amps, and IIR/FIR filter (bypassable) to maximize system power
conservation. The TLV320AIC15 consumes only 10 mW at 3 V.
The TLV320AIC15’s low power operation from 2.7-V to 3.6-V for analog and I/O and 1.65 V to 1.95 V for digital core
power supplies, along with extensive power management, make it ideal for portable applications including wireless
accessories, hands free car kits, VOIP, cable modem, and speech processing. Its low group delay characteristic
makes it suitable for single or multichannel active control applications.
The wide range of low-voltage I/O (1.1 V–3.6 V) enables the AIC15 to interface with a single power supply, or with
dual power supplies for mixed low-voltage DSP systems such as the TMS320UC54x. This feature eliminates the
need for external level-shifting and reduces power consumption.
The TLV320AIC15 is characterized for commercial operation from 0
°C to 70°C and industrial operation from –40°C
to 85
°C.
1.2
Features
•
C54x Software Driver Available
•
16-Bit Oversampling Sigma-Delta A/D Converter
•
16-Bit Oversampling Sigma-Delta D/A Converter
•
Support Maximum Master Clock of 100 MHz to Allow DSPs Output Clock to Be Used as Master Clock
•
Selectable FIR/IIR Filter With Bypassing Option
SMARTDM is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com