Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLWS115 Datasheet(PDF) 32 Page - Texas Instruments

Part # SLWS115
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS115 Datasheet(HTML) 32 Page - Texas Instruments

Back Button SLWS115 Datasheet HTML 28Page - Texas Instruments SLWS115 Datasheet HTML 29Page - Texas Instruments SLWS115 Datasheet HTML 30Page - Texas Instruments SLWS115 Datasheet HTML 31Page - Texas Instruments SLWS115 Datasheet HTML 32Page - Texas Instruments SLWS115 Datasheet HTML 33Page - Texas Instruments SLWS115 Datasheet HTML 34Page - Texas Instruments SLWS115 Datasheet HTML 35Page - Texas Instruments SLWS115 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
4–4
Table 4–6. A/D PGA Gain
D7
D6
D5
D4
D3
D2
D1
D0
DESCRIPTION
0
0
1
1
1
1
1
1
ADC input PGA gain = MUTE
0
0
1
1
1
1
1
0
ADC input PGA gain = 20 dB
0
0
1
1
1
1
0
1
ADC input PGA gain = 19 dB
0
0
1
1
1
1
0
0
ADC input PGA gain = 18 dB
0
0
1
1
1
0
1
1
ADC input PGA gain = 17 dB
0
0
1
1
1
0
1
0
ADC input PGA gain = 16 dB
0
0
1
1
1
0
0
1
ADC input PGA gain = 15 dB
0
0
1
1
1
0
0
0
ADC input PGA gain = 14 dB
0
0
1
1
0
1
1
1
ADC input PGA gain = 13 dB
0
0
1
1
0
1
1
0
ADC input PGA gain = 12 dB
0
0
1
1
0
1
0
1
ADC input PGA gain = 11 dB
0
0
1
1
0
1
0
0
ADC input PGA gain = 10 dB
0
0
1
1
0
0
1
1
ADC input PGA gain = 9 dB
0
0
1
1
0
0
1
0
ADC input PGA gain = 8 dB
0
0
1
1
0
0
0
1
ADC input PGA gain = 7 dB
0
0
1
1
0
0
0
0
ADC input PGA gain = 6 dB
0
0
1
0
1
1
1
1
ADC input PGA gain = 5 dB
0
0
1
0
1
1
1
0
ADC input PGA gain = 4 dB
0
0
1
0
1
1
0
1
ADC input PGA gain = 3 dB
0
0
1
0
1
1
0
0
ADC input PGA gain = 2 dB
0
0
1
0
1
0
1
1
ADC input PGA gain = 1 dB
0
0
1
0
1
0
1
0
ADC input PGA gain = 0 dB
0
0
1
0
1
0
0
1
ADC input PGA gain = -1 dB
0
0
1
0
1
0
0
0
ADC input PGA gain = -2 dB
0
0
1
0
0
1
1
1
ADC input PGA gain = -3 dB
0
0
1
0
0
1
1
0
ADC input PGA gain = -4 dB
0
0
1
0
0
1
0
1
ADC input PGA gain = -5 dB
0
0
1
0
0
1
0
0
ADC input PGA gain = -6 dB
0
0
1
0
0
0
1
1
ADC input PGA gain = -7 dB
0
0
1
0
0
0
1
0
ADC input PGA gain = -8 dB
0
0
1
0
0
0
0
1
ADC input PGA gain = -9 dB
0
0
1
0
0
0
0
0
ADC input PGA gain = -10 dB
0
0
0
1
1
1
1
1
ADC input PGA gain = -11 dB
0
0
0
1
1
1
1
0
ADC input PGA gain = -12 dB
0
0
0
1
1
1
0
1
ADC input PGA gain = -13 dB
0
0
0
1
1
1
0
0
ADC input PGA gain = -14 dB
0
0
0
1
1
0
1
1
ADC input PGA gain = -15 dB
0
0
0
1
1
0
1
0
ADC input PGA gain = -16 dB
0
0
0
1
1
0
0
1
ADC input PGA gain = -17 dB
0
0
0
1
1
0
0
0
ADC input PGA gain = -18 dB
0
0
0
1
0
1
1
1
ADC input PGA gain = -19 dB
0
0
0
1
0
1
1
0
ADC input PGA gain = -20 dB
0
0
0
1
0
1
0
1
ADC input PGA gain = -21 dB
0
0
0
1
0
1
0
0
ADC input PGA gain = -22 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com