Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLWS115 Datasheet(PDF) 8 Page - Texas Instruments

Part # SLWS115
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS115 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SLWS115 Datasheet HTML 4Page - Texas Instruments SLWS115 Datasheet HTML 5Page - Texas Instruments SLWS115 Datasheet HTML 6Page - Texas Instruments SLWS115 Datasheet HTML 7Page - Texas Instruments SLWS115 Datasheet HTML 8Page - Texas Instruments SLWS115 Datasheet HTML 9Page - Texas Instruments SLWS115 Datasheet HTML 10Page - Texas Instruments SLWS115 Datasheet HTML 11Page - Texas Instruments SLWS115 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
1–2
•
Programmable Sampling Rate up to:
–
Max 26 KSPS With On-Chip IIR/FIR Filter
–
Max 104 KSPS With IIR/FIR Bypassed
•
On-Chip FIR Produced 84-dB SNR for ADC and 91-dB SNR for DAC Over 13-kHz BW
•
External DSPs IIR/FIR for a Final Sampling Rate of 8 Ksps (IIR/FIR Bypassed) Produced 87-dB SNR for
ADC and 92-dB SNR for DAC.
•
Smart Time Division Multiplexed Serial Port (SMARTDM)
–
Glueless 4-Wire Interface to DSP
–
Automatic Cascade Detection (ACD) Self-Generates Master/Slave Device Addresses
–
Programming Mode to Allow On-the-Fly Reconfiguration
–
Continuous Data Transfer Mode to Support DSP’s DMA/Autobuffering Mode
–
Turbo Mode to Maximize Bit Clock for Faster Data Transfer and Higher Data Bandwidth
–
Total Number of Time Slots Dynamically Proportional to Number of Codecs in the Cascade to Eliminate
Unused Time Slots and Optimize DSP Memory Allocation
–
Allows up to 16 Codecs to Be Connected to a Single Serial Port
•
Host Port
–
2-Wire Interface
–
Selectable I2C or S2C
•
Differential and Single-Ended Analog Input/Output
•
Built-In Functions:
–
Sidetone
–
Antialiasing Filter (AAF)
–
Programmable Input and Output Gain Control (PGA)
–
Microphone Amplifiers
–
Power Management With Hardware/Software Power-Down Modes 30
µW
•
Separate Software Control for ADC and DAC Power Down
•
Fully Compatible With TI C54x DSP Power Supplies
–
1.65-V–1.95-V Digital Core Power
–
1.1-V–3.6-V Digital I/O
–
2.7-V–3.6-V Analog
•
Power Dissipation (PD) 10 mW at 3 V in Standard Operation
•
Internal Reference Voltage (Vref)
•
2s Complement Data Format
•
Test Mode Which Includes Digital Loopback and Analog Loopback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com