Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLWS115 Datasheet(PDF) 14 Page - Texas Instruments

Part # SLWS115
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS115 Datasheet(HTML) 14 Page - Texas Instruments

Back Button SLWS115 Datasheet HTML 10Page - Texas Instruments SLWS115 Datasheet HTML 11Page - Texas Instruments SLWS115 Datasheet HTML 12Page - Texas Instruments SLWS115 Datasheet HTML 13Page - Texas Instruments SLWS115 Datasheet HTML 14Page - Texas Instruments SLWS115 Datasheet HTML 15Page - Texas Instruments SLWS115 Datasheet HTML 16Page - Texas Instruments SLWS115 Datasheet HTML 17Page - Texas Instruments SLWS115 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
3–2
3.2.3
Decimation Filter
The decimation filters are either FIR filters or IIR filters, selected by bit D5 of the control register 1. The FIR filter
provides linear-phase output with 17/fs group delay, whereas the IIR filter generates nonlinear phase output with
negligible group delay. The decimation filters reduce the digital data rate to the sampling rate. This is accomplished
by decimating with a ratio of 1:128. The output of the decimation filter is a 16-bit 2s-complement data word clocking
at the sample rate selected for that particular data channel. The BW of the filter is (0.45
× FS) and scales linearly with
the sample rate.
3.2.4
Sigma-Delta DAC
The sigma-delta digital-to-analog converter is a sigma-delta modulator with 128/256/512-x oversampling. The DAC
provides high-resolution, low-noise performance using oversampling techniques. The oversampling ratio in DAC is
programmable to 256/512 using bits D4–D3 of control register 3, the default being 128. Oversampling ratio of 512
can be used when FS is a maximum of 8 Ksps and an oversampling ratio of 256 can be used when FS is a maximum
of 16 Ksps. M should be a multiple of 2 for an oversampling ratio of 256 and 4 for oversampling ratio of 512.
3.2.5
Interpolation Filter
The interpolation filters are either FIR filters or IIR filters selected by bit D5 of the control register 1. The FIR filter
provides linear-phase output with 18/fs group delay, whereas the IIR filter generates nonlinear phase output with
negligible group delay. The interpolation filter resamples the digital data at a rate of 128/256/512 times the incoming
sample rate, based on the oversampling rate of DAC. The high-speed data output from the interpolation filter is then
used in the sigma-delta DAC. The BW of the filter is (0.45
× FS) and scales linearly with the sample rate.
3.2.6
Analog/Digital/Side-Tone Loopback
The analog and digital loopbacks provide a means of testing the data ADC/DAC channels and can be used for
in-circuit system level tests. The analog loopback always has the priority to route the DAC low pass filter output into
the analog input where it is then converted by the ADC to a digital word. The digital loopback routes the ADC output
to the DAC input on the device. Analog loopback is enabled by writing a 1 to bit D2 in the control register 1. Digital
loopback is enabled by writing a 1 to bit D1 in control register 1. The side-tone digital loopback attenuates the ADC
output and mixes it with the input of the DAC. The level of the side tone is set by DSTG, bits D5–D3 of the control
register 5C.
3.2.7
ADC PGA
TLV320AIC15 has a built-in PGA for controlling the signal levels at ADC outputs. ADC PGA gain setting can be
selected by writing into bits D5–D0 of register 5A. The PGA range of the ADC channel is 20 dB to –42 dB in steps
of 1 dB and mute. To avoid sudden jumps in signal levels with PGA changes, the gains are applied internally with
zero-crossovers.
3.2.8
DAC PGA
TLV320AIC15 has a built-in PGA for controlling the analog output signal levels in DAC channel. DAC PGA gain setting
can be selected by writing into bits D5–D0 of register 5B. The PGA range of the DAC channel is 20 dB to –42 dB in
steps of 1 dB, and mute. To avoid sudden pop-sounds with power-up/down and gain changes, the power-up/down
and gain changes for DAC channel are applied internally with zero-crossovers.
3.3
Analog Input/Output
The TLV320AIC15 has three programmable analog inputs and three programmable analog outputs. Bits D2–D1 of
control register 6 select the analog input source from MICIN, INP1/M1, or INP2/M2. All analog I/O is either
single-ended or differential. All analog input signals are self-biased to 1.35 V. The three analog outputs are configured
by bits D7, D6, D5, and D4–D3 of control register 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com