Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUA2011 Datasheet(PDF) 5 Page - Eutech Microelectronics Inc

Part # EUA2011
Description  3-W Mono Filterless Class-D Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA2011 Datasheet(HTML) 5 Page - Eutech Microelectronics Inc

  EUA2011 Datasheet HTML 1Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
EUA2011
DS2011 Ver 1.1 Dec. 2007
5
Electrical Characteristics TA = 25°C ,Gain= 2V/V,RL=8Ω (Unless otherwise noted)
EUA2011
Symbol
Parameter
Conditions
Min
Typ
Max.
Unit
VDD= 5V
3
VDD= 3.6V
1.4
THD+N=10%,
f=1kHz, RL=4Ω
VDD= 2.5V
0.65
W
VDD= 5V
2.15
VDD= 3.6V
1.06
THD+N=1%,
f=1kHz, RL=4Ω
VDD= 2.5V
0.49
W
VDD= 5V
1.67
VDD= 3.6V
0.84
THD+N=10%,
f=1kHz, RL=8Ω
VDD= 2.5V
0.39
W
VDD= 5V
1.36
VDD= 3.6V
0.66
PO
Output power
THD+N=1%,
f=1kHz, RL=8Ω
VDD= 2.5V
0.30
W
VDD= 5V,PO=1W, RL=8Ω, f=1kHz
0.18
VDD= 3.6V,PO=0.5W, RL=8Ω, f=1kHz
0.18
THD+N
Total harmonic distortion
plus noise
VDD= 2.5V,PO=200mW, RL=8Ω, f=1kHz
0.17
%
kSVR
Supply ripple rejection ratio
VDD= 3.6V, Inputs
ac-grounded with
CI= 2µF
f=217 Hz,
V(RIPPLE)=200mVpp
-60
dB
SNR
Signal-to-noise ratio
VDD= 5V,PO=1W, RL=8Ω
93
dB
No weighting
62
Vn
Output voltage noise
VDD= 3.6V,
f=20Hz to
20kHz,Inputs
ac-grounded with
CI= 2µF
A weighting
45
µVRMS
CMRR
Common mode rejection
ratio
VDD= 3.6V,
VIC=1 VPP
f=217 Hz
-55
dB
ZI
Start-up time from shutdown
VDD= 3.6V
11.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com