Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUA2011 Datasheet(PDF) 2 Page - Eutech Microelectronics Inc

Part # EUA2011
Description  3-W Mono Filterless Class-D Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA2011 Datasheet(HTML) 2 Page - Eutech Microelectronics Inc

  EUA2011 Datasheet HTML 1Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
EUA2011
DS2011 Ver 1.1 Dec. 2007
2
Pin Configurations
Package
Type
Pin Configurations
Package
Type
Pin Configurations
TDFN-8
WCSP-9
Pin Description
PIN
TDFN-8
WCSP-9
I/O
DESCRIPTION
SHUTDOWN
1
C2
I
Shutdown terminal (active low logic)
PVDD
-
B2
I
Power Supply
+IN
3
A1
I
Positive differential input
-IN
4
C1
I
Negative differential input
VO-
8
A3
O
Negative BTL output
VDD
6
B1
I
Power supply
GND
7
A2/B3
I
High-current ground
VO+
5
C3
O
Positive BTL output
NC
2
-
No internal connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com