Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUA2011 Datasheet(PDF) 11 Page - Eutech Microelectronics Inc

Part # EUA2011
Description  3-W Mono Filterless Class-D Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA2011 Datasheet(HTML) 11 Page - Eutech Microelectronics Inc

Back Button EUA2011 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 9Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 10Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 11Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 12Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 13Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 14Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 15Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
EUA2011
DS2011 Ver 1.1 Dec. 2007
11
Application Information
Fully Differential Amplifier
The EUA2011 is a fully differential amplifier with
differential inputs and outputs. The fully differential
amplifier consists of a differential amplifier and a
common-mode amplifier. The differential amplifier
ensures that the amplifier outputs a differential voltage on
the output that is equal to the differential input times the
gain. The common-mode feedback ensures that the
common-mode voltage at the output is biased around
VDD/2 regardless of the common-mode voltage at the
input. The fully differential EUA2011 can still be used
with a single-ended input; however, the EUA2011
should be used with differential inputs when in a noisy
environment, like a wireless handset, to ensure maximum
noise rejection.
Advantages of Fully Differential Amplifiers
Input-coupling capacitors not required:
- The fully differential amplifier allows the inputs to
be biased at voltage other than mid-supply. For
example, if a codec has a midsupply lower than the
midsupply of the EUA2011, the common-mode
feedback circuit will adjust, and the EUA2011 outputs
will still be biased at midsupply of the EUA2011. The
inputs of the EUA2011 can be biased from 0.5V to
VDD – 0.8 V. If the inputs are biased outside of that
range, input-coupling capacitors are required.
Midsupply bypass capacitor, C(BYPASS), not required:
- The fully differential amplifier does not require a
bypass capacitor. This is because any shift in the
midsupply affects both positive and negative channels
equally and cancels at the differential output.
Better RF−immunity:
-GSM handsets save power by turning on and shutting
off the RF transmitter at a rate of 217 Hz. The
transmitted signal is picked-up on input and output
traces. The fully differential amplifier cancels the
signal much better than the typical audio amplifier.
Component Selection
Figure 30 shows the EUA2011 typical schematic with
differential inputs and Figure 31 shows the EUA2011
with differential inputs and input capacitors, and Figure
32 shows the EUA2011 with single-ended inputs.
Differential inputs should be used whenever possible
because the single-ended inputs are much more
susceptible to noise.
Table 1. Typical Component Values
REF DES
VALUE
RI
150kΩ ( ± 0.5%)
CS
1µF (+22%,-80%)
CI (1)
3.3nF ( ± 10%)
(1) CI is only needed for single-ended input or if VICM is
not between 0.5 V and VDD – 0.8 V. CI = 3.3 nF (with RI =
150 kΩ) gives a high-pass corner frequency of 321 Hz.
Figure 30. Typical Application Schematic with
Differential Input for a Wireless Phone
Figure 31. Typical Application Schematic with
Differential Input and Input Capacitors
Figure 32. Typical Application Schematic with
Single-Ended Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com