Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUA2011 Datasheet(PDF) 14 Page - Eutech Microelectronics Inc

Part # EUA2011
Description  3-W Mono Filterless Class-D Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA2011 Datasheet(HTML) 14 Page - Eutech Microelectronics Inc

Back Button EUA2011 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 9Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 10Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 11Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 12Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 13Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 14Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 15Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 16Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
EUA2011
DS2011 Ver 1.1 Dec. 2007
14
Summing Two Single-Ended Input Signals
Four resistors and three capacitors are needed for
summing single-ended input signals. The gain and corner
frequencies (fc1 and fc2) for each input source can be set
independently (see equations (9) through (12), and Figure
35). Resistor, RP, and capacitor, CP, are needed on the
IN+ terminal to match the impedance on the IN− terminal.
The single-ended inputs must be driven by low impedance
sources even if one of the inputs is not outputting an ac
signal.
----------------------(9)
---------------------(10)
-----------------------------------------(11)
----------------------------------------
-(12)
-------------------------------------------(13)
------------------------------------- (14)
Figure 35. Application Schematic with EUA2011
Summing Two Single-Ended Input
PCB Layout
As output power increases, interconnect resistance (PCB
traces and wires) between the amplifier, load and power
supply create a voltage drop. The voltage loss on the
traces between the EUA2011 and the load results is lower
output power and decreased efficiency. Higher trace
resistance between the supply and the EUA2011 has the
same effect as a poorly regulated supply, increase ripple
on the supply line also reducing the peak output power.
The effects of residual trace resistance increases as output
current increases due to higher output power, decreased
load impedance or both. To maintain the highest output
voltage swing and corresponding peak output power, the
PCB traces that connect the output pins to the load and the
supply pins to the power supply should be as wide as
possible to minimize trace resistance.
The use of power and ground planes will give the best
THD+N performance. While reducing trace resistance, the
use of power planes also creates parasite capacitors that
help to filter the power supply line.
The inductive nature of the transducer load can also result
in overshoot on one or both edges, clamped by the
parasitic diodes to GND and VDD in each case. From an
EMI stand- point, this is an aggressive waveform that can
radiate or conduct to other components in the system and
cause interference. It is essential to keep the power and
output traces short and well shielded if possible. Use of
ground planes, beads, and micro-strip layout techniques
are all useful in preventing unwanted interference.
As the distance from the EUA2011 and the speaker
increase, the amount of EMI radiation will increase since
the output wires or traces acting as antenna become more
efficient with length. What is acceptable EMI is highly
application specific.
Ferrite chip inductors placed close to the EUA2011 may
be needed to reduce EMI radiation. The value of the
ferrite chip is very application specific.
1
I
R
k
150
2
1
I
V
O
V
1
Gain
Ω
×
=
=
V
V
2
I
R
k
150
2
2
I
V
O
V
2
Gain
Ω
×
=
=
V
V
()
1
c
1
I f
R
2
1
1
I
C
π
=
()
2
c
2
I f
R
2
1
2
I
C
π
=
2
I
1
I
C
C
CP
+
=
()
2
I
R
1
I
R
2
I
R
1
I
R
P
R
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com