Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUA2011 Datasheet(PDF) 7 Page - Eutech Microelectronics Inc

Part # EUA2011
Description  3-W Mono Filterless Class-D Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA2011 Datasheet(HTML) 7 Page - Eutech Microelectronics Inc

Back Button EUA2011 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 9Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 10Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 11Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
EUA2011
DS2011 Ver 1.1 Dec. 2007
7
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
RL=8 ohm, 33uH
NO Load
RL=8 ohm,(resistive)
SUPPLY CURRENT vs SUPPLY VOLTAGE
V
DD
- Supply Voltage -V
0.0
0.1
0.2
0.3
0.4
0.5
0.0
0.5
1.0
1.5
2.0
V
DD
=2.5V
V
DD
=3.6V
V
DD
=5V
SHUTDOWN CURRENT vs SHUTDOWN VOLTAGE
Shutdown Voltage -V
Figure8.
Figure10.
Figure12.
Figure9.
Figure11.
Figure13.
4
8
12
16
20
24
28
32
0.0
0.5
1.0
1.5
2.0
2.5
V
DD
=2.5V
V
DD
=3.6V
V
DD
=5V
P
O
at 1% THD
Gain=2 V/V
F=1KHz
OUTPUT POWER vs LOAD RESISTANCE
RL - Load Resistance - ohm
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
RL= 8 ohm, 1% THD
RL = 8 ohm, 10% THD
RL= 4 ohm, 1% THD
RL= 4 ohm, 10% THD
GAIN=2V/V
F=1KHz
OUTPUT POWER vs SUPPLY VOLTAGE
V
CC
- Supply Voltage -V
4
8
12
16
20
24
28
32
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
DD
=2.5V
V
DD
=3.6V
V
DD
=5V
P
O
at 10% THD
Gain=2 V/V
F=1KHz
OUTPUT POWER vs LOAD RESISTANCE
RL - Load Resistance - ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com