Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUA2011 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUA2011
Description  3-W Mono Filterless Class-D Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA2011 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUA2011 Datasheet HTML 1Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
EUA2011
DS2011 Ver 1.1 Dec. 2007
1
3-W Mono Filterless Class-D
Audio Power Amplifier
DESCRIPTION
The EUA2011 is a high efficiency, 3W mono class-D audio
power amplifier. A low noise, filterless PWM architecture
eliminates the output filter, reducing external component
count, system cost, and simplifying design.
Operating in a single 5V supply, EUA2011 is capable of
driving 4Ω speaker load at a continuous average output of
3W/10% THD+N or 2W/1% THD+N. The EUA2011 has
high efficiency with speaker load compared to a typical
class AB amplifier. With a 3.6V supply driving an 8Ω
speaker , the efficiency for a 400mW power level is 88%.
In cellular handsets, the earpiece, speaker phone, and
melody ringer can each be driven by the EUA2011. The
gain of EUA2011 is externally configurable which allows
independent gain control from multiple sources by
summing signals from separate sources.
The EUA2011 is available in space-saving WCSP and
TDFN packages.
Typical Application Circuit
FEATURES
Unique Modulation Scheme Reduces EMI Emissions
Efficiency at 3.6V With an 8-Ω Speaker:
− 88% at 400 mW
− 80% at 100 mW
Low 2.4-mA Quiescent Current and
0.5-µA Shutdown Current
2.5V to 5.5V Wide Supply Voltage
Shutdown Pin Compatible with 1.8V Logic GPIO
Optimized PWM Output Stage Eliminates
LC Output Filter
Improved PSRR (−72 dB) Eliminates Need for a
Voltage Regulator
Fully Differential Design Reduces RF Rectification
and Eliminates Bypass Capacitor
Improved CMRR Eliminates Two Input
Coupling Capacitors
Internally Generated 250-kHz Switching
Frequency
Integrated Pop and Click Suppression Circuitry
1.5mm
× 1.5mm Wafer Chip Scale Package (WCSP)
and 3mm
× 3mm TDFN-8 package
RoHS compliant and 100% lead(Pb)-free
APPLICATIONS
Ideal for Wireless or cellular Handsets and PDAs
Figure1.


Similar Part No. - EUA2011

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA2012 EUTECH-EUA2012 Datasheet
159Kb / 1P
2.7-W/CH Stereo Filter-less Class-D Audio Power Amplifier
EUA2012A EUTECH-EUA2012A Datasheet
159Kb / 1P
2.5-W/CH Stereo Filter-less Class-D Audio Power Amplifier with Auto-Recovery
EUA2014 EUTECH-EUA2014 Datasheet
139Kb / 1P
2.5W Stereo Class-D Audio Power Amplifier with 3D Enhancement
More results

Similar Description - EUA2011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
1.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_15 Datasheet
575Kb / 18P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
3.3 W Mono Filterless Class D Audio power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com