Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUA2011 Datasheet(PDF) 13 Page - Eutech Microelectronics Inc

Part # EUA2011
Description  3-W Mono Filterless Class-D Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA2011 Datasheet(HTML) 13 Page - Eutech Microelectronics Inc

Back Button EUA2011 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 9Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 10Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 11Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 12Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 13Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 14Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 15Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 16Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
EUA2011
DS2011 Ver 1.1 Dec. 2007
13
Summing Two Differential Input Signals
Two extra resistors are needed for summing differential
signals (a total of 5 components). The gain for each input
source can be set independently (see equations (4) and (5),
and Figure 33).
-----------------------(4)
-----------------------(5)
If summing left and right inputs with a gain of 1 V/V, use
RI1 = RI2 = 300 kΩ.
If summing a ring tone and a phone signal, set the
ring-tone gain to Gain 2 = 2 V/V, and the phone gain to
Gain 1 = 0.1 V/V. The resistor values would be. . .
RI1=3MΩ, and=RI2=150kΩ
Figure 33. Application Schematic with EUA2011
Summing Two Differential Inputs
Summing a Differential Input Signal and a
Single-Ended Input Signal
Figure 34 shows how to sum a differential input signal
and a single-ended input signal. Ground noise can couple
in through IN+ with this method. It is better to use
differential inputs. The corner frequency of the
single-ended input is set by CI2, shown in equation (8). To
assure that each input is balanced, the single-ended input
must be driven by a low-impedance source even if the
input is not in use
------------------------ (6)
-----------------------(7)
-----------------------------------------(8)
If summing a ring tone and a phone signal, the phone
signal should use a differential input signal while the ring
tone might be limited to a single-ended signal. Phone gain
is set at gain 1 = 0.1 V/V, and the ring-tone gain is set to
gain 2 = 2 V/V, the resistor values would be…
RI1=3kΩ, and=RI2=150kΩ
The high pass corner frequency of the single-ended input
is set by CI2. If the desired corner frequency is less than
20 Hz...
Figure 34. Application Schematic with EUA2011
Summing Input and Single-Ended Input Signals
1
I
R
k
150
2
1
I
V
O
V
1
Gain
Ω
×
=
=
V
V
V
V
V
V
V
V
()
2
c
2
I f
R
2
1
2
I
C
π
=
nF
53
2
I
C
>
2
I
R
k
150
2
2
I
V
O
V
2
Gain
Ω
×
=
=
1
I
R
k
150
2
1
I
V
O
V
1
Gain
Ω
×
=
=
2
I
R
k
150
2
2
I
V
O
V
2
Gain
Ω
×
=
=
()
Hz
20
k
150
2
1
2
I
C
Ω
π
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com