Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2003 Datasheet(PDF) 24 Page - Texas Instruments

Part # TSC2003
Description  I2C TOUCH SCREEN CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2003 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TSC2003 Datasheet HTML 20Page - Texas Instruments TSC2003 Datasheet HTML 21Page - Texas Instruments TSC2003 Datasheet HTML 22Page - Texas Instruments TSC2003 Datasheet HTML 23Page - Texas Instruments TSC2003 Datasheet HTML 24Page - Texas Instruments TSC2003 Datasheet HTML 25Page - Texas Instruments TSC2003 Datasheet HTML 26Page - Texas Instruments TSC2003 Datasheet HTML 27Page - Texas Instruments TSC2003 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
PENIRQ Output
PENIRQ
V
DD
10kΩ
30k
to 100k
Ω
Ω
ON
Y+ or X+ drivers on,
or TEMP0, TEMP1
measurements activated
Y+
X+
Y–
TEMP0
TEMP1
TEMP
DIODE
HIGH except
when TEMP0,
TEMP1 activated
V
DD
V
DD
TSC2003-Q1
SBAS454 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
The pen-interrupt output function is shown in Figure 18. By connecting a pullup resistor to VDD (typically 100 kΩ),
the PENIRQ output is high. While in the power-down mode, with PD0 = 0, the Y– driver is on and connected to
GND, and the PENIRQ output is connected to the X+ input. When the panel is touched, the X+ input is pulled to
ground through the touch screen, and PENIRQ output goes low due to the current path through the panel to
GND, initiating an interrupt to the processor. During the measurement cycle for X, Y, and Z positions, the X+
input is disconnected from the PENIRQ pulldown transistor to eliminate any leakage current from the pullup
resistor to flow through the touch screen, thus causing no errors.
Figure 18. PENIRQ Functional Block Diagram
In addition to the measurement cycles for X-, Y-, and Z-position, commands which activate the X-drivers,
Y-drivers, Y+ and X-drivers without performing a measurement also disconnect the X+ input from the PENIRQ
pulldown transistor and disable the pen-interrupt output function regardless of the value of the PD0 bit. Under
these conditions, the PENIRQ output is forced low. Furthermore, if the last command byte written to the
TSC2003 contains PD0 = 1, the pen-interrupt output function is disabled and is not able to detect when the panel
is touched. To re-enable the pen-interrupt output function under these circumstances, a command byte needs to
be written to the TSC2003 with PD0 = 0.
Once the bus master sends the address byte with R/W = 0 (see Figure 12) and the TSC2003 sends an
acknowledge, the pen-interrupt function is disabled. If the command that follows the address byte has PD0 = 0,
then the pen-interrupt function is enabled at the end of a conversion. This is approximately 10
µs (12-bit mode)
or 7
µs (8-bit mode) after the TSC2003 receives a Stop/Start condition following the reception of a command
byte (see Figure 14 and Figure 16 for further details of when the conversion cycle begins).
In both cases listed above, it is recommended that the master processor mask the interrupt which the PENIRQ is
associated with whenever the host writes to the TSC2003. This prevents false triggering of interrupts when the
PENIRQ line is disabled in the cases listed above.
24
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2003-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com