Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2003 Datasheet(PDF) 11 Page - Texas Instruments

Part # TSC2003
Description  I2C TOUCH SCREEN CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2003 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSC2003 Datasheet HTML 7Page - Texas Instruments TSC2003 Datasheet HTML 8Page - Texas Instruments TSC2003 Datasheet HTML 9Page - Texas Instruments TSC2003 Datasheet HTML 10Page - Texas Instruments TSC2003 Datasheet HTML 11Page - Texas Instruments TSC2003 Datasheet HTML 12Page - Texas Instruments TSC2003 Datasheet HTML 13Page - Texas Instruments TSC2003 Datasheet HTML 14Page - Texas Instruments TSC2003 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
DEVICE INFORMATION
1
2
3
4
5
6
7
8
+V
DD
X+
Y+
X–
Y–
GND
V
BAT1
V
BAT2
IN1
IN2
A0
A1
SCL
SDA
PENIRQ
V
REF
16
15
14
13
12
11
10
9
TSC2003
Serial Clock
Serial Data
Pen Interrupt
+
1µF
to
10µF
(Optional)
+2.7V to +5V
Touch
Screen
0.1 F
µ
1 F
µ
to
10µF
(Optional)
0.1 F
µ
+
Main
Battery
Secondary
Battery
1.2kΩ
50kΩ
1.2kΩ
Auxiliary Input
Auxiliary Input
Voltage
Regulator
TSC2003-Q1
www.ti.com ........................................................................................................................................................................................... SBAS454 – DECEMBER 2008
The TSC2003 is a classic Successive Approximation Register (SAR) analog-to-digital converter (ADC). The
architecture is based on capacitive redistribution which inherently includes a sample-and-hold function. The
converter is fabricated on a 0.6
µ CMOS process.
The basic operation of the TSC2003 is shown in Figure 3. The device features an internal 2.5-V reference and
an internal clock. Operation is maintained from a single supply of 2.7 V to 5.25 V. The internal reference can be
overdriven with an external, low-impedance source between 2 V and VDD. The value of the reference voltage
directly sets the input range of the converter.
The analog input (X, Y, and Z parallel coordinates, auxiliary inputs, battery voltage, and chip temperature) to the
converter is provided via a multiplexer. A unique configuration of low on-resistance switches allows an
unselected ADC input channel to provide power and an accompanying pin to provide ground for an external
device. By maintaining Figure 3, a differential input to the converter, and a differential reference architecture, it is
possible to negate the switch’s on-resistance error (should this be a source of error for the particular
measurement).
Figure 3. Basic Operation of the TSC2003
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TSC2003-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com