Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2003 Datasheet(PDF) 3 Page - Texas Instruments

Part # TSC2003
Description  I2C TOUCH SCREEN CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2003 Datasheet(HTML) 3 Page - Texas Instruments

  TSC2003 Datasheet HTML 1Page - Texas Instruments TSC2003 Datasheet HTML 2Page - Texas Instruments TSC2003 Datasheet HTML 3Page - Texas Instruments TSC2003 Datasheet HTML 4Page - Texas Instruments TSC2003 Datasheet HTML 5Page - Texas Instruments TSC2003 Datasheet HTML 6Page - Texas Instruments TSC2003 Datasheet HTML 7Page - Texas Instruments TSC2003 Datasheet HTML 8Page - Texas Instruments TSC2003 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ABSOLUTE MAXIMUM RATINGS
(1) (2)
ELECTRICAL CHARACTERISTICS
TSC2003-Q1
www.ti.com ........................................................................................................................................................................................... SBAS454 – DECEMBER 2008
over operating free-air temperature range (unless otherwise noted)
VDD
Supply voltage range
–0.3 V to 6 V
Digital inputs
–0.3 V to VDD + 0.3 V
VI
Input voltage range
All analog inputs except pins 7 and 8
–0.3 V to VDD + 0.3 V
Analog input pins 7 and 8
–0.3 V to 6 V
PD
Power dissipation
(TJ(max) – TA)/θJA
θ
JA
Package thermal impedance, junction to free air
115.2°C
TA
Operating free-air temperature range
–40°C to 85°C
TJ
Maximum junction temperature
150°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are referenced to GND.
TA = –40°C to 85°C, VDD = 2.7 V, VREF = 2.5-V external voltage, I
2C bus frequency = 3.4 MHz, 12-bit mode,
digital inputs = GND or VDD (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Input
VI
Full-scale input voltage span
0
VREF
V
VI
Absolute input voltage
–0.2
VDD + 0.2
V
Ci
Capacitance
25
pF
Ileak
Leakage current
0.1
µA
System Performance
Resolution
12
bits
Standard and fast modes
11
No missing codes
bits
High-speed mode
10
Standard and fast modes
±2
Integral linearity error
LSB(1)
High-speed mode
±4
Offset error
±6
LSB
Gain error
±4
LSB
Vn
Noise
Including internal VREF, RMS
70
µV
PSRR
Power-supply rejection ratio
70
dB
Sampling Dynamics
Throughput rate
50
ksps
Channel-to-channel isolation
VIN = 2.5 Vpp at 50 kHz
100
dB
Switch Drivers
Y+, X+ on-resistance
5.5
Ω
Y–, X– on-resistance
7.3
Ω
Drive current(2)
Duration 100 ms
50
mA
(1)
LSB = least significant bit. With VREF equal to 2.5 V, one LSB is 610 µV.
(2)
Specified by design. Exceeding 50-mA source current may result in device degradation.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TSC2003-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com