Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2003 Datasheet(PDF) 13 Page - Texas Instruments

Part # TSC2003
Description  I2C TOUCH SCREEN CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2003 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSC2003 Datasheet HTML 9Page - Texas Instruments TSC2003 Datasheet HTML 10Page - Texas Instruments TSC2003 Datasheet HTML 11Page - Texas Instruments TSC2003 Datasheet HTML 12Page - Texas Instruments TSC2003 Datasheet HTML 13Page - Texas Instruments TSC2003 Datasheet HTML 14Page - Texas Instruments TSC2003 Datasheet HTML 15Page - Texas Instruments TSC2003 Datasheet HTML 16Page - Texas Instruments TSC2003 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Internal Reference
Buffer
Band
Gap
Reference
Power Down
To
CDAC
Optional
V
REF
Reference Input
Reference Mode
TSC2003-Q1
www.ti.com ........................................................................................................................................................................................... SBAS454 – DECEMBER 2008
The TSC2003 has an internal 2.5-V voltage reference that can be turned on or off with the power-down control
bits, PD0 and PD1 (see Table 2 and Figure 5). The internal reference is powered down when power is first
applied to the device.
The internal reference voltage is only used in the single-ended reference mode for battery monitoring,
temperature measurement, and for measuring the auxiliary input. Optimal touch screen performance is achieved
when using a ratiometric conversion; thus, all touch screen measurements are done automatically in the
differential mode.
Figure 5. Simplified Diagram of the Internal Reference
The voltage difference between +REF and –REF (see Figure 4) sets the analog input range. The TSC2003
operates with a reference in the range of 2 V to VDD. There are several critical items concerning the reference
input and its wide-voltage range. As the reference voltage is reduced, the analog voltage weight of each digital
output code is also reduced. This is often referred to as the LSB (least significant bit) size, and is equal to the
reference voltage divided by 4096 (256 if in 8-bit mode). Any offset or gain error inherent in the ADC appears to
increase, in terms of LSB size, as the reference voltage is reduced. For example, if the offset of a given
converter is 2 LSBs with a 2.5-V reference, it is typically 2.5 LSBs with a 2-V reference. In each case, the actual
offset of the device is the same, 1.22 mV. With a lower reference voltage, more care must be taken to provide a
clean layout including adequate bypassing, a clean (low noise, low ripple) power supply, a low-noise reference (if
an external reference is used), and a low-noise input signal.
The voltage into the VREF input is not buffered, and directly drives the capacitor digital-to-analog converter
(CDAC) portion of the TSC2003. Therefore, the input current is very low, typically < 6
µA.
There is a critical item regarding the reference when making measurements while the switch drivers are on. For
this discussion, it is useful to consider the basic operation of the TSC2003 (see Figure 3). This particular
application shows the device being used to digitize a resistive touch screen. A measurement of the current Y
position of the pointing device is made by connecting the X+ input to the ADC, turning on the Y+ and Y– drivers,
and digitizing the voltage on X+, as shown in Figure 6. For this measurement, the resistance in the X+ lead does
not affect the conversion; it does, however, affect the settling time, but the resistance is usually small enough
that this is not a concern. However, because the resistance between Y+ and Y– is fairly low, the on-resistance of
the Y drivers does make a small difference. Under the situation outlined so far, it would not be possible to
achieve a 0-V input or a full-scale input regardless of where the pointing device is on the touch screen because
some voltage is lost across the internal switches. In addition, the internal switch resistance is unlikely to track the
resistance of the touch screen, providing an additional source of error.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TSC2003-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com