Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2003 Datasheet(PDF) 6 Page - Texas Instruments

Part # TSC2003
Description  I2C TOUCH SCREEN CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2003 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSC2003 Datasheet HTML 2Page - Texas Instruments TSC2003 Datasheet HTML 3Page - Texas Instruments TSC2003 Datasheet HTML 4Page - Texas Instruments TSC2003 Datasheet HTML 5Page - Texas Instruments TSC2003 Datasheet HTML 6Page - Texas Instruments TSC2003 Datasheet HTML 7Page - Texas Instruments TSC2003 Datasheet HTML 8Page - Texas Instruments TSC2003 Datasheet HTML 9Page - Texas Instruments TSC2003 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TSC2003-Q1
SBAS454 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
TIMING CHARACTERISTICS (continued)
TA = –40°C to 85°C, VDD = 2.7 V (unless otherwise noted) (see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Standard mode
250
tSU; DAT
Data setup time
Fast mode
100
ns
High-speed mode
10
Standard mode
0
3.45
µs
Fast mode
0
0.9
tHD; DAT
Data hold time
High-speed mode, Cb = 100 pF max
0
70
ns
High-speed mode, Cb = 400 pF max
0
150
Standard mode
1000
Fast mode
20 + 0.1Cb
300
trCL
Rise time of SCL signal
ns
High-speed mode, Cb = 100 pF max
10
80
High-speed mode, Cb = 400 pF max
20
160
Standard mode
1000
Fast mode
20 + 0.1Cb
300
Rise time of SCL signal after a repeated Start
trCL1
ns
condition and after an acknowledge bit
High-speed mode, Cb = 100 pF max
10
80
High-speed mode, Cb = 400 pF max
20
160
Standard mode
300
Fast mode
20 + 0.1Cb
300
tfCL
Fall time of SCL signal
ns
High-speed mode, Cb = 100 pF max
10
80
High-speed mode, Cb = 400 pF max
20
160
Standard mode
1000
Fast mode
20 + 0.1Cb
300
trDA
Rise time of SDA signal
ns
High-speed mode, Cb = 100 pF max
10
80
High-speed mode, Cb = 400 pF max
20
160
Standard mode
300
Fast mode
20 + 0.1Cb
300
tfDA
Fall time of SDA signal
ns
High-speed mode, Cb = 100 pF max
10
80
High-speed mode, Cb = 400 pF max
20
160
Standard mode
4
µs
tSU; STO
Setup time for Stop condition
Fast mode
600
ns
High-speed mode
160
Standard mode
400
Fast mode
400
Cb
Capacitive load for SDA or SCL
pF
High-speed mode, SCL = 1.7 MHz
400
High-speed mode, SCL = 3..4 MHz
100
Fast mode
0
50
tSP
Pulse width of spike suppressed
ns
High-speed mode
0
10
Standard mode
Noise margin at the high level for each
VnH
Fast mode
0.2 × VDD
V
connected device (including hysteresis)
High-speed mode
Standard mode
Noise margin at the low level for each
VnL
Fast mode
0.1 × VDD
V
connected device (including hysteresis)
High-speed mode
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2003-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com