Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2003 Datasheet(PDF) 5 Page - Texas Instruments

Part # TSC2003
Description  I2C TOUCH SCREEN CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2003 Datasheet(HTML) 5 Page - Texas Instruments

  TSC2003 Datasheet HTML 1Page - Texas Instruments TSC2003 Datasheet HTML 2Page - Texas Instruments TSC2003 Datasheet HTML 3Page - Texas Instruments TSC2003 Datasheet HTML 4Page - Texas Instruments TSC2003 Datasheet HTML 5Page - Texas Instruments TSC2003 Datasheet HTML 6Page - Texas Instruments TSC2003 Datasheet HTML 7Page - Texas Instruments TSC2003 Datasheet HTML 8Page - Texas Instruments TSC2003 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TIMING CHARACTERISTICS
(1) (2)
TSC2003-Q1
www.ti.com ........................................................................................................................................................................................... SBAS454 – DECEMBER 2008
ELECTRICAL CHARACTERISTICS (continued)
TA = –40°C to 85°C, VDD = 2.7 V, VREF = 2.5-V external voltage, I
2C bus frequency = 3.4 MHz, 12-bit mode,
digital inputs = GND or VDD (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply Requirements
Specified performance
2.7
3.6
VDD
Supply voltage
Operating range
2.5
5.25
High-speed mode
254
650
(SCL = 3.4 MHz)
Internal reference off,
Fast mode
95
PD1 = PD0 = 0
(SCL = 400 kHz)
IQ
Quiescent current
µA
Standard mode
63
(SCL = 100 kHz)
Internal reference on, PD0 = 0
1005
High-speed mode
90
(SCL = 3.4 MHz)
Internal reference off,
Fast mode
21
Power-down current when part is
PD1 = PD0 = 0
(SCL = 400 kHz)
IPD
µA
not addressed
Standard mode
4
(SCL = 100 kHz)
PD1 = PD0 = 0, SDA = SCL = VDD
3
PD
Power dissipation
VDD = 2.7 V
1.8
mW
Temperature Range
TA
Operating free-air temperature
Specified performance
–40
85
°C
TA = –40°C to 85°C, VDD = 2.7 V (unless otherwise noted) (see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Standard mode
0
100
kHz
Fast mode
0
400
fSCL
SCL clock frequency
High-speed mode, Cb = 100 pF max
0
3.4
MHz
High-speed mode, Cb = 400 pF max
0
1.7
Standard mode
4.7
Bus free time between Stop and Start
tBUF
µs
conditions
Fast mode
1.3
Standard mode
4
µs
tHD; STA
Hold time (repeated) Start condition
Fast mode
600
ns
High-speed mode
160
Standard mode
4.7
µs
Fast mode
1.3
tlow
Low period of the SCL clock
High-speed mode, Cb = 100 pF max
160
ns
High-speed mode, Cb = 400 pF max
320
Standard mode
4
µs
Fast mode
600
thigh
High period of the SCL clock
High-speed mode, Cb = 100 pF max
60
ns
High-speed mode, Cb = 400 pF max
120
Standard mode
4.7
µs
tSU; STA
Setup time for a repeated Start condition
Fast mode
600
ns
High-speed mode
160
(1)
All values referred to VIHMIN and VILMAX levels.
(2)
Not production tested
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TSC2003-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com