Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2003 Datasheet(PDF) 4 Page - Texas Instruments

Part # TSC2003
Description  I2C TOUCH SCREEN CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2003 Datasheet(HTML) 4 Page - Texas Instruments

  TSC2003 Datasheet HTML 1Page - Texas Instruments TSC2003 Datasheet HTML 2Page - Texas Instruments TSC2003 Datasheet HTML 3Page - Texas Instruments TSC2003 Datasheet HTML 4Page - Texas Instruments TSC2003 Datasheet HTML 5Page - Texas Instruments TSC2003 Datasheet HTML 6Page - Texas Instruments TSC2003 Datasheet HTML 7Page - Texas Instruments TSC2003 Datasheet HTML 8Page - Texas Instruments TSC2003 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
TSC2003-Q1
SBAS454 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TA = –40°C to 85°C, VDD = 2.7 V, VREF = 2.5-V external voltage, I
2C bus frequency = 3.4 MHz, 12-bit mode,
digital inputs = GND or VDD (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Output
Internal reference voltage
2.45
2.50
2.55
V
ppm/
Internal reference drift
25
°C
Internal reference on
300
Ω
ZO
Output impedance
Internal reference off
1
G
Ω
IQ
Quiescent current
PD1 = 1, PD0 = 0, SDA and SCL high
750
µA
Reference Input
VI
Input voltage
2
VDD
V
RI
Resistance
PD1 = PD0 = 0
1
G
Ω
Battery Monitor
VI
Input voltage
0.5
6
V
Sampling battery
10
k
Ω
ZI
Input impedance
Battery monitor off
1
G
Ω
External VREF = 2.5 V
–2
+2
Accuracy
%
Internal reference
–3
+3
Temperature Measurement
Temperature range
–40
85
°C
Differential method(3)
1.6
Resolution
°C
TEMP0(4)
0.3
Differential method(3)
±2
Accuracy
°C
TEMP0(4)
±3
Digital Input/Output
High-level input voltage, all
VIH
| IIH | ≤ 5 µA
0.7 × VDD
VDD + 0.3
V
except PENIRQ(5)
Low-level input voltage, all except
VIL
| IIL | ≤ 5 µA
–0.3
0.3 × VDD
V
PENIRQ(5)
High-level output voltage, all
VOH
IOH = –250 µA
0.8 × VDD
V
except PENIRQ
Low-level output voltage, all
VOL
IOL = 250 µA
0.4
V
except PENIRQ
Low-level output voltage,
VOL
30-k
Ω pullup
0.4
V
PENIRQ
Ci
Input capacitance
SDA, SCL
10
pF
(3)
Difference between TEMP0 and TEMP1 measurement. No calibration necessary.
(4)
Temperature drift is –2.1 mV/°C
(5)
Specified by design
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2003-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com