Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335BW Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA335BW
Description  2.1 channels high efficiency digital audio system
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BW Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA335BW Datasheet HTML 7Page - STMicroelectronics STA335BW Datasheet HTML 8Page - STMicroelectronics STA335BW Datasheet HTML 9Page - STMicroelectronics STA335BW Datasheet HTML 10Page - STMicroelectronics STA335BW Datasheet HTML 11Page - STMicroelectronics STA335BW Datasheet HTML 12Page - STMicroelectronics STA335BW Datasheet HTML 13Page - STMicroelectronics STA335BW Datasheet HTML 14Page - STMicroelectronics STA335BW Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
STA335BW
Electrical specifications
11/54
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Recommended operating condition
3.3
Electrical characteristics power section
Table 3.
Absolute maximum ratings
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vcc
Power supply voltage (VCCxA, VCCxB)
30
V
Vdd
Logic Input Interface
-0.3
4
V
Top
Operating junction temperature
-20
150
°C
Tstg
Storage temperature
-40
150
°C
Table 4.
Recommended operating condition
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vcc
Power supply voltage (VCCxA, VCCxB)
5.0
24.0
V
Vdd
Logic Input Interface
2.7
3.3
3.6
V
Tamb
Ambient temperature
-20
70
°C
Table 5.
Electrical characteristics power section
VCC = 18V, fsw = 384KHz, Tamb = 25°C, RL = 8Ω unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
RdsON
Power Pchannel/Nchannel
MOSFET RdsON
ld = 1.5 A
180
250
m
Ω
Idss
Power Pchannel/Nchannel
leakage ldss
VCC = 24 V
10
µA
gP
Power Pchannel RdsON
Matching
ld = 1.5 A
95
%
gN
Power Nchannel RdsON
Matching
ld = 1.5 A
95
%
ILDT
Low current Dead Time (static)
Resistive load(1)
8
15
ns
IHDT
High current Dead Time
(dynamic)
@Iload = 2 A(2)
15
30
ns
tr
Rise time
Resistive load(1)
10
18
ns
tf
Fall time
Resistive load(1)
10
18
ns
Vcc
Supply voltage operating
voltage
5
24
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com