Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335BW Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA335BW
Description  2.1 channels high efficiency digital audio system
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BW Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA335BW Datasheet HTML 15Page - STMicroelectronics STA335BW Datasheet HTML 16Page - STMicroelectronics STA335BW Datasheet HTML 17Page - STMicroelectronics STA335BW Datasheet HTML 18Page - STMicroelectronics STA335BW Datasheet HTML 19Page - STMicroelectronics STA335BW Datasheet HTML 20Page - STMicroelectronics STA335BW Datasheet HTML 21Page - STMicroelectronics STA335BW Datasheet HTML 22Page - STMicroelectronics STA335BW Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
STA335BW
Register description
19/54
The external clock frequency provided to the XTI pin must be a multiple of the input sample
frequency (fs).
The relationship between the input clock and the input sample rate is determined by both
the MCSx and the IR (Input Rate) register bits. The MCSx bits determine the PLL factor
generating the internal clock and the IR bit determines the oversampling ratio used
internally
5.1.2
Interpolation ratio select
The STA335BW has variable interpolation (oversampling) settings such that internal
processing and DDX output rates remain consistent. The first processing block interpolates
by either 2 times or 1 time (pass-through) or provides a 2 times downsample. The
oversampling ratio of this interpolation is determined by the IR bits.
Table 8.
Input sampling rates
Input sample rate
fs (KHz)
IR
MCS(2..0)
101
100
011
010
001
000
32, 44.1, 48
00
576fs
128fs
256fs
384fs
512fs
768fs
88.2, 96
01
NA
64fs
128fs
192fs
256fs
384fs
176.4, 192
1X
NA
32fs
64fs
96fs
128fs
192fs
Bit
R/W
RST
Name
Description
4..3
R/W
00
IR (1..0)
Selects internal interpolation ratio based on input I2S
sample frequency
Table 9.
IR bit settings as a function of input sample rate
Input sample rate Fs (KHz)
IR
1st stage interpolation ratio
32
00
2 times oversampling
44.1
00
2 times oversampling
48
00
2 times oversampling
88.2
01
Pass-Through
96
01
Pass-Through
176.4
10
2 times downsampling
192
10
2 times downsampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com