Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335BW Datasheet(PDF) 35 Page - STMicroelectronics

Part # STA335BW
Description  2.1 channels high efficiency digital audio system
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BW Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STA335BW Datasheet HTML 31Page - STMicroelectronics STA335BW Datasheet HTML 32Page - STMicroelectronics STA335BW Datasheet HTML 33Page - STMicroelectronics STA335BW Datasheet HTML 34Page - STMicroelectronics STA335BW Datasheet HTML 35Page - STMicroelectronics STA335BW Datasheet HTML 36Page - STMicroelectronics STA335BW Datasheet HTML 37Page - STMicroelectronics STA335BW Datasheet HTML 38Page - STMicroelectronics STA335BW Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
STA335BW
Register description
35/54
5.8.3
AM interference frequency switching
5.8.4
Bass management crossover
Bit
R/W
RST
Name
Description
0
R/W
0
AMAME
AutoMode AM Enable
0 – Switching Frequency Determined by PWMS
Setting
1 – Switching Frequency Determined by AMAM
Settings
Table 18.
AutoMode AM switching frequency selection
AMAM(2..0)
48 KHz/96 KHz Input Fs
44.1 KHz/88.2 KHz Input Fs
000
0.535 MHz – 0.720 MHz
0.535 MHz – 0.670 MHz
001
0.721 MHz – 0.900 MHz
0.671 MHz – 0.800 MHz
010
0.901 MHz – 1.100 MHz
0.801 MHz – 1.000 MHz
011
1.101 MHz – 1.300 MHz
1.001 MHz – 1.180 MHz
100
1.301 MHz – 1.480 MHz
1.181 MHz – 1.340 MHz
101
1.481 MHz – 1.600 MHz
1.341 MHz – 1.500 MHz
110
1.601 MHz – 1.700 MHz
1.501 MHz – 1.700 MHz
Bit
R/W
RST
Name
Description
4R/W
0
XO0
Selects the Bass-Management Crossover
Frequency. A 1st-Order Hi-Pass filter (channels 1
and 2) or a 2nd-Order Lo-pass filter (channel 3) at
the selected frequency is performed.
5R/W
0
XO1
6R/W
0
XO2
7R/W
0
XO3
Table 19.
Bass management crossover frequency
XO(3..0)
Crossover frequency
0000
User-Defined
0001
80 Hz
0010
100 Hz
0011
120 Hz
0100
140 Hz
0101
160 Hz
0110
180 Hz
0111
200 Hz
1000
220 Hz
1001
240 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com