Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335BW Datasheet(PDF) 49 Page - STMicroelectronics

Part # STA335BW
Description  2.1 channels high efficiency digital audio system
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BW Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STA335BW Datasheet HTML 45Page - STMicroelectronics STA335BW Datasheet HTML 46Page - STMicroelectronics STA335BW Datasheet HTML 47Page - STMicroelectronics STA335BW Datasheet HTML 48Page - STMicroelectronics STA335BW Datasheet HTML 49Page - STMicroelectronics STA335BW Datasheet HTML 50Page - STMicroelectronics STA335BW Datasheet HTML 51Page - STMicroelectronics STA335BW Datasheet HTML 52Page - STMicroelectronics STA335BW Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
STA335BW
Register description
49/54
5.13
Variable max power correction registers (addresses 0x27 to
0x28)
MPCC bits determine the 16 MSBs of the MPC compensation coefficient. This coefficient is
used in place of the default coefficient when MPCV = 1.
5.14
Variable distortion compensation registers (addresses 0x29
to 0x2A)
DCC bits determine the 16 MSBs of the Distortion compensation coefficient. This coefficient
is used in place of the default coefficient when DCCV = 1.
54
0x36
Channel 3 – Post-Scale
C3PstS
0x7FFFFF
55
0x37
TWARN/OC– Limit
TWOCL
0x5A9DF7
56
0x38
Channel 1 – Mix 1
C1MX1
0x7FFFFF
57
0x39
Channel 1 – Mix 2
C1MX2
0x000000
58
0x3A
Channel 2 – Mix 1
C2MX1
0x000000
59
0x3B
Channel 2 – Mix 2
C2MX2
0x7FFFFF
60
0x3C
Channel 3 – Mix 1
C3MX1
0x400000
61
0x3D
Channel 3 – Mix 2
C3MX2
0x400000
62
0x3E
UNUSED
63
0x3F
UNUSED
Table 29.
RAM block for biquads, mixing, scaling and bass management (continued)
Index (Decimal)
Index (Hex)
Coefficient
Default
D7
D6
D5
D4
D3
D2
D1
D0
MPCC15
MPCC14
MPCC13
MPCC12
MPCC11
MPCC10
MPCC9
MPCC8
0
001
10
1
0
D7
D6
D5
D4
D3
D2
D1
D0
MPCC7
MPCC6
MPCC5
MPCC4
MPCC3
MPCC2
MPCC1
MPCC0
1
100
00
00
D7
D6
D5
D4
D3
D2
D1
D0
DCC15
DCC14
DCC13
DCC12
DCC11
DCC10
DCC9
DCC8
11110
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com