Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335BW Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA335BW
Description  2.1 channels high efficiency digital audio system
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BW Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA335BW Datasheet HTML 8Page - STMicroelectronics STA335BW Datasheet HTML 9Page - STMicroelectronics STA335BW Datasheet HTML 10Page - STMicroelectronics STA335BW Datasheet HTML 11Page - STMicroelectronics STA335BW Datasheet HTML 12Page - STMicroelectronics STA335BW Datasheet HTML 13Page - STMicroelectronics STA335BW Datasheet HTML 14Page - STMicroelectronics STA335BW Datasheet HTML 15Page - STMicroelectronics STA335BW Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
Electrical specifications
STA335BW
12/54
Icc
Supply current from Vcc in
Power Down
Power Down=0
0.1
1
mA
Supply current from Vcc in
Tri-state
Tristate=0
15
mA
Supply current from Vcc in
operation
PCM Input signal = -60 dBFS.
Switching frequency = 384 KHz No
LC filters
40
mA
Supply current DDX processing
(reference only)
Internal clock = 49.152 MHz
On Vdd dig
80
mA
Ilim
Overcurrent limit
3
3.8
A
Isc
Short circuit protection
3.8
4.8
A
UVL
Under voltage protection
threshold
3.5
4.3
V
tmin
Output minimum pulse width
No Load
50
80
150
ns
Po
Output Power BTL
THD=1%, f=1 KHz
16
W
THD=10%, f=1 KHz
20
Output Power SE
THD=1%, f=1 KHz, 8
Ω Vcc =24 V
7
W
THD=10%, f=1 KHz, 8
Ω Vcc =24 V
9
Output Power BTL
RL = 16 Ω
Vcc=24 V; f = 1 KHz
THD=1%
12
W
THD=10%
15
Output Power BTL
RL = 4 Ω
Vcc = 18 V; f =1 KHz
THD=1%
8
W
THD=10%
10
SNR
Signal to noise ratio, ternary
mode
A-Weighted
100
dB
Signal to noise ratio binary
mode
90
PSSR
Power Supply Rejection Ratio
Stereo DDX Mode, <5 KHz
VRIPPLE = 1 Vrms
Audio Input = Dither Only
80
dB
THD+N
Total Harmonic
Distortion+Noise
DDX Stereo Mode, Po=1 W
f = 1 KHz
0.2
%
XTALK
Crosstalk
Stereo DDX Mode, <5 KHz
One Channel Driven @ 1 W
Other Channel Measured
80
dB
η
Peak Efficiency, DDX Mode
Po = 2 x 20 W, 8
Ω
90
%
Peak Efficiency,Binary Modes
Po = 2 x 10 W+ 1 x 20 W, (4
Ω, 8 Ω)87
1.
Refer to Figure 3: Test circuit 1.
2.
Refer to Figure 4: Test circuit 2.
Table 5.
Electrical characteristics power section (continued)
VCC = 18V, fsw = 384KHz, Tamb = 25°C, RL = 8Ω unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com