Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335BW Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA335BW
Description  2.1 channels high efficiency digital audio system
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BW Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA335BW Datasheet HTML 19Page - STMicroelectronics STA335BW Datasheet HTML 20Page - STMicroelectronics STA335BW Datasheet HTML 21Page - STMicroelectronics STA335BW Datasheet HTML 22Page - STMicroelectronics STA335BW Datasheet HTML 23Page - STMicroelectronics STA335BW Datasheet HTML 24Page - STMicroelectronics STA335BW Datasheet HTML 25Page - STMicroelectronics STA335BW Datasheet HTML 26Page - STMicroelectronics STA335BW Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
STA335BW
Register description
23/54
5.2.4
Delay serial clock enable
5.2.5
Channel input mapping
Each channel received via I2S can be mapped to any internal processing channel via the
Channel Input Mapping registers. This allows for flexibility in processing. The default
settings of these registers map each I2S input channel to its corresponding processing
channel.
64fs
0000
1
I2S 24-bit data
0100
1
I2S 20-bit data
1000
1
I2S 18-bit data
1100
1
LSB first I2S 16-bit data
0001
1
Left-justified 24-bit data
0101
1
Left-justified 20-bit data
1001
1
Left-justified 18-bit data
1101
1
Left-justified 16-bit data
0010
1
Right-justified 24-bit data
0110
1
Right-justified 20-bit data
1010
1
Right-justified 18-bit data
1110
1
Right-justified 16-bit data
Table 11.
Supported serial audio input formats for LSB-first (SAIFB = 1) (continued)
BICKI
SAI (3...0)
SAIFB
Interface Format
Bit
R/W
RST
Name
Description
5R/W
0
DSCKE
0 – No serial clock delay
1 – Serial clock delay by 1 core clock cycle to
tolerate anomalies in some I2S master devices
Bit
R/W
RST
Name
Description
6R/W
0
C1IM
0 – Processing channel 1 receives Left I2S Input
1 – Processing channel 1 receives Right I2S Input
7R/W
1
C2IM
0 – Processing channel 2 receives Left I2S Input
1 – Processing channel 2 receives Right I2S Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com