Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335BW Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA335BW
Description  2.1 channels high efficiency digital audio system
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BW Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA335BW Datasheet HTML 20Page - STMicroelectronics STA335BW Datasheet HTML 21Page - STMicroelectronics STA335BW Datasheet HTML 22Page - STMicroelectronics STA335BW Datasheet HTML 23Page - STMicroelectronics STA335BW Datasheet HTML 24Page - STMicroelectronics STA335BW Datasheet HTML 25Page - STMicroelectronics STA335BW Datasheet HTML 26Page - STMicroelectronics STA335BW Datasheet HTML 27Page - STMicroelectronics STA335BW Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
Register description
STA335BW
24/54
5.3
Configuration register C (Address 0x02)
5.3.1
DDX power output mode
The DDX power output mode selects how the DDX output timing is configured.
Different power devices use different output modes.
5.3.2
DDX compensating pulse size register
Table 6:
D7
D6
D5
D4
D3
D2
D1
D0
OCRB
CSZ3
CSZ2
CSZ1
CSZ0
OM1
OM0
1
0101
1
1
Bit
R/W
RST
Name
Description
0R/W
1
OM0
Selects configuration of DDX output.
1R/W
1
OM1
Table 12.
Output modes
OM(1,0)
Output stage – mode
00
Drop Compensation
01
Discrete Output Stage – Tapered Compensation
10
Full Power Mode
11
Variable Drop Compensation (CSZx bits)
Bit
R/W
RST
Name
Description
2R/W
1
CSZ0
When OM(1,0) = 11, this register determines the
size of the DDX compensating pulse from 0 clock
ticks to 15 clock periods.
3R/W
0
CSZ1
4R/W
1
CSZ2
5R/W
0
CSZ3
Table 13.
Compensating pulse size
CSZ(3..0)
Compensating Pulse Size
0000
0 ns (0 tick) compensating pulse size
0001
20 ns (1 tick) clock period compensating pulse size
……
1111
300 ns (15 tick) clock period compensating pulse size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com