Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R21 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E32-R21
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R21 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E32-R21 Datasheet HTML 5Page - Omron Electronics LLC E32-R21 Datasheet HTML 6Page - Omron Electronics LLC E32-R21 Datasheet HTML 7Page - Omron Electronics LLC E32-R21 Datasheet HTML 8Page - Omron Electronics LLC E32-R21 Datasheet HTML 9Page - Omron Electronics LLC E32-R21 Datasheet HTML 10Page - Omron Electronics LLC E32-R21 Datasheet HTML 11Page - Omron Electronics LLC E32-R21 Datasheet HTML 12Page - Omron Electronics LLC E32-R21 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
E3X
E3X
9
Fine Through-beam
Model
Appearance
Sensing distance (standard object)*
Min. sensing object
(opaque objects)
Features
E32-T22S
1.7 mm dia.
H: 1,000 mm (1.7-mm dia. min.)
T: 650 mm (1.7-mm dia. min.)
H: 0.5-mm dia.
T: 0.4-mm dia.
General purpose
E32-T24S
3.5 x 3 mm dia.
H: 700 mm (1.7-mm dia. min.)
T: 450 mm (1.7-mm dia. min.)
H: 0.5-mm dia.
T: 0.4-mm dia.
Side-view
E32-T84S
H: 700 mm (1.7-mm dia. min.)
H: 0.4-mm dia.
Sensing the wafers
in cassettes (Fine,
long beam sensor
resisting 200
°C)
*Use the E32-T22S and E32-T24S in combination with the E3X-H11, E3X-T11, or E3X-T21 Amplifier for stable wafer sensing.
Slot Sensors
Model
Appearance
Sensing distance (standard object)*
Min. sensing object
(opaque objects)
Features
E32-G14
10 mm (slot width) (4-mm dia. min.)
T: 0.7-mm dia.
H: 1.0-mm dia.
A: 0.5-mm dia.
F: 0.6-mm dia.
V: 0.6-mm dia.
Slot through-beam;
no optical axis
adjustment required
*Standard object: opaque
Liquid Level Fiber Unit
Liquid Contact Model
Model
Appearance
Standard
sensing object
Sensing object
angle range
Repeat
frequency
Applicable
Amplifier Unit
(see note)
E32-D82F1
Pure water at a
temperature of
±10° max.
0.5 mm max.
E3X-NT/NM
E3X-NV
E32-D82F2
temperature of
25
°C.
E3X-NV
E3X-H
Note:
When using the E32-D82F1 or E82-D82F2 with the E3X-A, cut the plastic fiber part to 0.5 m, otherwise the energy of the light received
by the E3X-A will be insufficient.
Pipe Mounting Model
Model
Appearance
Standard sensing object
Repeat frequency
Applicable Amplifier Unit
E32-L25T
Liquid (Non-transparent liquids
may not be sensed)
1 mm max.
E3X-NT/NM
E3X-A/H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com