Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R21 Datasheet(PDF) 38 Page - Omron Electronics LLC

Part # E32-R21
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R21 Datasheet(HTML) 38 Page - Omron Electronics LLC

Back Button E32-R21 Datasheet HTML 34Page - Omron Electronics LLC E32-R21 Datasheet HTML 35Page - Omron Electronics LLC E32-R21 Datasheet HTML 36Page - Omron Electronics LLC E32-R21 Datasheet HTML 37Page - Omron Electronics LLC E32-R21 Datasheet HTML 38Page - Omron Electronics LLC E32-R21 Datasheet HTML 39Page - Omron Electronics LLC E32-R21 Datasheet HTML 40Page - Omron Electronics LLC E32-R21 Datasheet HTML 41Page - Omron Electronics LLC E32-R21 Datasheet HTML 42Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
E3X
E3X
2
Self-diagnostic Function
With this function, the E3X checks changes in environmental condi-
tions (especially a change in the ambient temperature) and
self-diagnoses the resistance against the changes. The result is
shown by the indicators or an output signal.
Stable Operation Indicator
(Green Indicator)
Light Reception Indicator
(Red Indicator)
Displays
• Stable Operation Indicator: Changes in environmental
conditions (changes in the ambient temperature, the operating
voltage, or the volume of dust) are checked and the resistance
against them are self-diagnosed. The result is shown via the
indicator.
• Light Reception Indicator: The amount of light received is
indicated by this indicator.
Output
• The resistance against changes in environmental conditions is
indicated by the indicator and the result is output.
*If the self-diagnostic output is ON when the sensing object is
moving at low speed, use the E3X with an ON-delay timer circuit.
1.2
1
0.8
ON
OFF
ON
OFF
Operating level x 1.2
Operating level
Operating level x 0.8
0.3 s min.
0.3 s min.
Control output
(L-ON)
Self-diagnostic
output*
Tip of the fiber connected
to the light source side in
the SET mode
Indicator
Green
Red
Flashing
light ON
Flashing
Green
Green
Amount of
light
Remote Tuning/Remote Bank Function (E3X-T21)
Remote Tuning Function
Basically, the method of remote tuning is same as that of sensitivity adjustment. When the remote tuning function of the E3X is used, the E3X is
tuned with the remote tuning input signal instead of the tuning button which has to be pressed.
1. Set the mode selector to RUN.
2. The following signal conditions must be given as remote
tuning input conditions.
If no remote tuning is done, cut off the purple wire at its
source or connect the pink wire to the positive terminal
of the power supply.
Brown
+V
Black; control output
Orange; self-diagnostis
output
Purple; remote
bank selection
Pink
Blue 0 V
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com