Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R21 Datasheet(PDF) 41 Page - Omron Electronics LLC

Part # E32-R21
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R21 Datasheet(HTML) 41 Page - Omron Electronics LLC

Back Button E32-R21 Datasheet HTML 37Page - Omron Electronics LLC E32-R21 Datasheet HTML 38Page - Omron Electronics LLC E32-R21 Datasheet HTML 39Page - Omron Electronics LLC E32-R21 Datasheet HTML 40Page - Omron Electronics LLC E32-R21 Datasheet HTML 41Page - Omron Electronics LLC E32-R21 Datasheet HTML 42Page - Omron Electronics LLC E32-R21 Datasheet HTML 43Page - Omron Electronics LLC E32-R21 Datasheet HTML 44Page - Omron Electronics LLC E32-R21 Datasheet HTML 45Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
E3X
E3X
5
External Diagnostic Input Function
With this function, light projection can be stopped when desired.
The operation of the sensor can be checked with this function before
the E3X is placed into actual operation.
E3X-A
jj
Light is emitted from the projection fiber head when the self-diag-
nostic input is ON. The sensor, however, will not operate.
E3X-F
jj/-VGjj
No light is emitted from the projection fiber head when self-diagnos-
tic input is ON.
By short-circuiting the pink and blue cords, light projection can
be stopped (with a short-circuit current of 0.2 mA max.).
Light projection
stops
Pink
(external-
check
Input)
Brown (+V)
Blue (0 V)
ON
OFF
Light
Pink
(external-
check
Input)
Brown (+V)
Blue (0 V)
NPN Type
Short
Open
ON
OFF
ON
OFF
External-diagnostic input
(between blue and pink)
LED for light projection
Indicator
By short-circuiting the brown and pink cords, light projection can
be stopped (with a short-circuit current of 0.2 mA max.).
Light projection
stops
Pink
(external-
check
Input)
Brown (+V)
Blue (0 V)
ON
OFF
Light
Pink
(external-
check
Input)
Brown (+V)
Blue (0 V)
PNP Type
Short
Open
ON
OFF
ON
OFF
External-diagnostic input
(between brown and pink)
LED for light projection
Indicator
Special Fiber Units
The following special accessories are available (order separately).
Contact your OMRON representative for the details.
Fiber Units with Special Length of Stainless
Steel Tube
Fiber with different lengths of stainless steel tubes are available.
Applicable Models
E32-TC200F (tube with 0.9 dia.)
E32-TC200B/DC200F (tube with 1.2 dia.)
E32-DC200B (tube with 2.5 dia.)
Appearance
The length can be ordered in increments of 10 mm between
10 mm min. and 120 mm max.
Tolerance: +1.0 mm if L is 40 mm or less. and +2.0 if L is more
than 40 mm. (Note that standard Fiber Units have a 90-mm or
40-mm long stainless steel tube.)
L
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com