Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R21 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E32-R21
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R21 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E32-R21 Datasheet HTML 1Page - Omron Electronics LLC E32-R21 Datasheet HTML 2Page - Omron Electronics LLC E32-R21 Datasheet HTML 3Page - Omron Electronics LLC E32-R21 Datasheet HTML 4Page - Omron Electronics LLC E32-R21 Datasheet HTML 5Page - Omron Electronics LLC E32-R21 Datasheet HTML 6Page - Omron Electronics LLC E32-R21 Datasheet HTML 7Page - Omron Electronics LLC E32-R21 Datasheet HTML 8Page - Omron Electronics LLC E32-R21 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
E3X
E3X
4
Fiber Unit
Through-beam (Separate) Sensors
Model
Appearance
Sensing distance (standard object)*
(T: E3X-T
jj; H: E3X-H11; A: E3X-Ajj;
F: E3X-F
jj; V: E3X-VGjj)
Min. sensing object
(opaque objects)
Features
E32-T11L
M4 screw
T: 500 mm (1,200 mm**) (1.4-mm dia. min.)
H: 700 mm (2,000 mm**) (1.4-mm dia. min.)
A: 350 mm (1,000 mm**) (1.4-mm dia. min.)
F: 150 mm (1.4-mm dia. min.)
V: 40 mm (120 mm**) (1.4-mm dia. min.)
T: 0.2-mm dia.
H: 0.5-mm dia.
A: 0.5-mm dia.
F: 0.5-mm dia.
V: 0.5-mm dia.
Long distance
E32-T12L
3-mm dia.
T: 500 mm (1.4-mm dia. min.)
H: 700 mm (1.4-mm dia. min.)
A: 350 mm (1.4-mm dia. min.)
F: 150 mm (1.4-mm dia. min.)
V: 40 mm (1.4-mm dia. min.)
T: 0.2-mm dia.
H: 0.5-mm dia.
A: 0.5-mm dia.
F: 0.5-mm dia.
V: 0.5-mm dia.
Long distance
E32-T21L
M3 screw
T: 150 mm (0.9-mm dia. min.)
H: 200 mm (0.9-mm dia. min.)
A: 100 mm (0.9-mm dia. min.)
F: 50 mm (0.9-mm dia. min.)
V: 10 mm (0.9-mm dia. min.)
0.2-mm dia.
Long distance with
thin fiber
E32-T22L
2-mm dia.
T: 150 mm (0.9-mm dia. min.)
H: 200 mm (0.9-mm dia. min.)
A: 100 mm (0.9-mm dia. min.)
F: 50 mm (0.9-mm dia. min.)
V: 10 mm (0.9-mm dia. min.)
0.2-mm dia.
Long distance with
thin fiber
E32-TC200
M4 screw
T: 270 mm (2,000 mm**) (1-mm dia. min.)
H: 400 mm (3,000 mm**) (1-mm dia. min.)
A: 200 mm (1,500 mm**) (1-mm dia. min.)
F: 80 mm (1-mm dia. min.)
V: 28 mm (190 mm**) (1-mm dia. min.)
0.2-mm dia.
General-purpose
E32-TC200B
E32-TC200B4
M4 screw
T: 270 mm (1-mm dia. min.)
H: 400 mm (1-mm dia. min.)
A: 180 mm (1-mm dia. min.)
F: 80 mm (1-mm dia. min.)
V: 28 mm (1-mm dia. min.)
0.2-mm dia.
General-purpose
E32-T22
2-mm dia.
T: 70 mm (0.5-mm dia. min.)
H: 100 mm (0.5-mm dia. min.)
A: 50 mm (0.5-mm dia. min.)
F: 26 mm (0.5-mm dia. min.)
V: 7 mm (0.5-mm dia. min.)
0.2-mm dia.
General-purpose
E32-TC200E
M3 screw
T: 70 mm (0.5-mm dia. min.)
H: 100 mm (0.5-mm dia. min.)
A: 50 mm (0.5-mm dia. min.)
F: 26 mm (0.5-mm dia. min.)
V: 8 mm (0.5-mm dia. min.)
0.2-mm dia.
General-purpose
E32-TC200F
E32-TC200F4
M3 screw
T: 70 mm (0.5-mm dia. min.)
H: 100 mm (0.5-mm dia. min.)
A: 50 mm (0.5-mm dia. min.)
F: 26 mm (0.5-mm dia. min.)
V: 8 mm (0.5-mm dia. min.)
0.2-mm dia.
General-purpose
E32-TC200A
M3 screw
T: 250 mm (1-mm dia. min.)
H: 360 mm (1-mm dia. min.)
A: 180 mm (1-mm dia. min.)
F: 80 mm (1-mm dia. min.)
V: 28 mm (1-mm dia. min.)
T: 0.2-mm dia.
H: 0.3-mm dia.
A: 0.2-mm dia.
F: 0.2-mm dia.
V: 0.2-mm dia.
General-purpose
E32-T11
M4 screw
T: 240 mm (1,300 mm**) (1-mm dia. min.)
H: 360 mm (1-mm dia. min.)
A: 180 mm (1,000 mm**) (1-mm dia. min.)
F: 80 mm (1-mm dia. min.)
V: 10 mm (120 mm**) (1-mm dia. min.)
T: 0.2-mm dia.
H: 0.3-mm dia.
A: 0.2-mm dia.
F: 0.2-mm dia.
V: 0.2-mm dia.
Flexible (resists
breaking)
E32-T21
M3 screw
T: 65 mm (0.5-mm dia. min.)
H: 100 mm (0.5-mm dia. min.)
A: 50 mm (0.5-mm dia. min.)
F: 26 mm (0.5-mm dia. min.)
V: 6 mm (0.5-mm dia. min.)
0.2-mm dia.
Flexible (resists
breaking)
*Standard object: opaque; **For the E39-F1; ***Not trimmable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com