Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R21 Datasheet(PDF) 61 Page - Omron Electronics LLC

Part # E32-R21
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R21 Datasheet(HTML) 61 Page - Omron Electronics LLC

Back Button E32-R21 Datasheet HTML 56Page - Omron Electronics LLC E32-R21 Datasheet HTML 57Page - Omron Electronics LLC E32-R21 Datasheet HTML 58Page - Omron Electronics LLC E32-R21 Datasheet HTML 59Page - Omron Electronics LLC E32-R21 Datasheet HTML 60Page - Omron Electronics LLC E32-R21 Datasheet HTML 61Page - Omron Electronics LLC E32-R21 Datasheet HTML 62Page - Omron Electronics LLC E32-R21 Datasheet HTML 63Page - Omron Electronics LLC E32-R21 Datasheet HTML 64Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
E3X
E3X
18
Cutting Fiber
Insert a fiber into the Fiber Cutter and determine the length of the
fiber to be cut.
Press down the Fiber Cutter in a single stroke to cut the fiber.
When the fiber is cut, an insertion mark is inscribed on the fiber.
For a 2.2-mm dia. standard fiber only.
12.6
Insertion mark
2.2-dia.
Insert a fiber into the Fiber Cutter in the direction indicated by the
arrow (refer to the following figure).
1
2
The cutting holes cannot be used twice. If the same hole is used
twice, the cutting face of the fiber will be rough and the sensing dis-
tance will be reduced. Always use an unused hole.
Use either one of the two holes on the right (refer to the following
figure) to cut a thin fiber as follows:
1. An attachment is temporarily fitted to a thin fiber before
shipment.
2. Secure the attachment after adjusting the position of it
in the direction indicated by the arrow.
3. Insert the fiber into the E39-F4 to cut.
Note:
Insert the fiber in the direction indicated by the arrow.
Temporarily fitted
Three holes for
standard fiber
(2.2 mm dia.)
Cutter E39-F4
Two holes for
thin fiber
Connection
Do not pull or press the Fiber Units. The Fiber Units have a with-
stand force of 1 kg or 3 kg (pay utmost attention because the fibers
are thin).
Do not bend the Fiber Units beyond the permissible bending radius.
Do not bend the edge of the Fiber Units.
Amplifier
Fiber unit
40 mm max.
20 mm max.
Correct
Incorrect
Do not apply excess force on the Fiber Units.
Fiber unit
Nylon wireholder
Correct
Incorrect
Metal holder
The Fiber Head could be broken by excessive vibration. To prevent
this, the following is effective:
A one-turn loop can
absorb vibrations.
Tape
Fiber unit
A one-turn loop can
absorb vibrations
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com