Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R21 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E32-R21
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R21 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E32-R21 Datasheet HTML 6Page - Omron Electronics LLC E32-R21 Datasheet HTML 7Page - Omron Electronics LLC E32-R21 Datasheet HTML 8Page - Omron Electronics LLC E32-R21 Datasheet HTML 9Page - Omron Electronics LLC E32-R21 Datasheet HTML 10Page - Omron Electronics LLC E32-R21 Datasheet HTML 11Page - Omron Electronics LLC E32-R21 Datasheet HTML 12Page - Omron Electronics LLC E32-R21 Datasheet HTML 13Page - Omron Electronics LLC E32-R21 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
E3X
E3X
10
High-precision Screen Sensors
Model
Appearance
Slit width
Sensing distance
(H: E3X-H11; A: E3X-A
jj;
F: E3X-F
jj; V: E3X-VGjj)
Min. sensing object*
(horizontal beam)
E32-T16P
Not used
H:
600 mm
A:
300 mm
H:
1.3-mm dia. (1.1-mm dia.)
A:
2.0-mm dia. (0.9-mm dia.)
0.5 mm wide
H:
100 mm
A:
50 mm
H:
1.3-mm dia. (0.4-mm dia.)
A:
2.0-mm dia. (0.7-mm dia.)
1.0 mm wide
H:
200 mm
A:
100 mm
H:
1.3-mm dia. (0.6-mm dia.)
A:
2.0-mm dia. (0.8-mm dia.)
E32-T16
Not used
H:
1,500 mm
A:
750 mm
F:
330 mm
V:
150 mm
H:
6.0-mm dia.
A:
6.0-mm dia.
F:
7.0-mm dia.
V:
7.0 mm dia.
0.5 mm wide
H:
900 mm
A:
450 mm
F:
120 mm
V:
20 mm
H:
5.0-mm dia.
A:
5.0-mm dia.
F:
7.0-mm dia.
V:
7.0-mm dia.
1.0 mm wide
H:
1,200 mm
A:
600 mm
F:
250 mm
V:
60 mm
H:
6.0-mm dia.
A:
6.0-mm dia.
F:
7.0-mm dia.
V:
7.0-mm dia.
*
Values not in parentheses represent sensing objects within the 11-mm sensing area and values in parentheses represent sensing objects in
the center of the E32-T16P sensing area. The diameters of sensing objects in the above table represent sensing object sizes, on condition
that the objects are not moving.
Sensing Direction
Sensing
object
Specifications
Amplifier Units
Indicator
Light indicator (red), Stability indicator (green)
Sensitivity adjuster
8 turns with indicator (except E3X-T
jj)
Circuit protection
Reverse polarity, Output short-circuit
Ambient temperature
Operating:–25
°C to 55°C (with no icing)
Storage: –40
°C to 70°C
Ambient humidity
35% to 85% (with no condensation)
Ambient illumination
Sunlight: 10,000 x max.; Incandescent lamp: 3,000 x max.
Insulation resistance
20 MW min. (at 500 VDC)
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min
Enclosure rating
IEC IP66 (with protective cover in place) (see note)
Material
Case: Heat-resistive ABS; Cover: Polycarbonate
Connection method
Cord-drawing method
Weight (with 2-m cord)
Approx. 100 g
Note:
The enclosure rating is IP50 without the protection cover.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com