Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R21 Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # E32-R21
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R21 Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button E32-R21 Datasheet HTML 13Page - Omron Electronics LLC E32-R21 Datasheet HTML 14Page - Omron Electronics LLC E32-R21 Datasheet HTML 15Page - Omron Electronics LLC E32-R21 Datasheet HTML 16Page - Omron Electronics LLC E32-R21 Datasheet HTML 17Page - Omron Electronics LLC E32-R21 Datasheet HTML 18Page - Omron Electronics LLC E32-R21 Datasheet HTML 19Page - Omron Electronics LLC E32-R21 Datasheet HTML 20Page - Omron Electronics LLC E32-R21 Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
E3X
E3X
17
Spiral Tubes
Model
E39-F32A5
E39-F32A
E39-F32B5
E39-F32B
E39-F32C5
E39-F32C
E39-F32D5
E39-F32D
Appearance
L
End cap
Tube
Head connector
Length (L)
500 mm
1,000 mm
500 mm
1,000 mm
500 mm
1,000 mm
500 mm
1,000 mm
Applicable fiber
E32-DC200E
E32-DC200F(4)
E32-D21
E32-TC200E
E32-TC200F(4)
E32-T21
E32-T21L
E32-TC200
E32-TC200B(4)
E32-T11
E32-T51
E32-T11L
E32-DC200
E32-DC200B(4)
E32-CC200
E32-D11
E32-D51
E32-D11L
Ambient temperature
Operating: –40
°C to 150°C (Do not exceed the operating temperature of the fiber)
Ambient humidity
Operating: 35% to 85%
Permissible bending
radius
R: 30 mm min.
Tensile strength
Between head connector and end cap with tube: 15 kgf $ cm max. (1.5 N $ m)
Tube: 20 kgf $ cm max. (2 N $ m)
Compression load
Tube: 3 kg max. (29.4 N)
Accessories
Name
Fiber Cutter
Fine-fiber Attachment
Fiber Connector
Sleeve Bender
Model
E39-F4
E39-F9
E39-F10
E39-F11
Appearance
Features
Used to cut fibers to
desired lengths
Used when inserting fine
fibers into the amp
Used to connect fibers
when broken
Used to bend fiber
sleeves
Applicable fiber
All models equipped with
trimmable fibers
E32-DC200E, -TC200E
E32-DC200F(4),
-TC200F(4)
E32-D21, -D21L, -D22L
E32-T21, -T21L, -T22L
E32-D32, -T22
E32-D24. -T24
E32-D33
E32-R21
E32-DC200, -TC200
E32-DC200B(4),
-TC200B(4)
E32-TC200A
E32-T14, -G14
E32-D11L, -T11L, -T12L
E32-D14L, -T14L
E32-T17L
E32-TC200B(4)
E32-TC200D(4)
E32-DC200F(4),
-TC200F(4)
E32-DC9G(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com