Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # E39-R1
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E39-R1 Datasheet HTML 9Page - Omron Electronics LLC E39-R1 Datasheet HTML 10Page - Omron Electronics LLC E39-R1 Datasheet HTML 11Page - Omron Electronics LLC E39-R1 Datasheet HTML 12Page - Omron Electronics LLC E39-R1 Datasheet HTML 13Page - Omron Electronics LLC E39-R1 Datasheet HTML 14Page - Omron Electronics LLC E39-R1 Datasheet HTML 15Page - Omron Electronics LLC E39-R1 Datasheet HTML 16Page - Omron Electronics LLC E39-R1 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
E3X
E3X
13
Fine Through-beam Sensors
Model
Beam size
Differencial
travel
Horizontal
positioning
accuracy
Ambient
temperature
Ambient
humidity
Permissible
bending
radius*
Material
Enclosure
rating
E32-T22S
13 mm dia. (at
a distance of
---
---
Operating:
–40
°Cto70°C
Operating:
35% to 85%
10 mm min.
Reinforced
laminated
IEC IP67
E32-T24S
a distance of
200 mm)
–40
°C to 70°C
(with no icing)
35% to 85%
laminated
vinyl chloride
E32-T84S
Operating:
–40
°C to
200
°C (with no
icing)
25 mm min.
SUS
*Average at 30% of sensing distance
Slot Sensors
Model
Ambient temperature
Ambient humidity
Permissible
bending radius
Material
Enclosure rating
E32-G14
Operating: –40
°C to 70°C
(with no icing)
Operating: 35% to
85%
25 mm min.
Black polyethylene
IEC IP67
Liquid Contact Model
Model
Differencial
travel
Ambient
temperature
Ambient
humidity
Ambient
pressure
Permissible
bending radius*
(average at 10%
of sensing
distance)
Material
Enclosure
rating
E32-D82F1
3.0 mm max.
Teflon part within
1.5 m of fiber tip:
–40
°C to 200°C
(with no icing)
Parts other than
b
Operating:
35% to 85%
–50 kpa
(–0.49 kgf/cm2)
to 500 kpa
(4.9 kgf/cm2)
40 mm min. (plastic
fiber: 25 mm min.)
Bending-prohibited
part:
E32-D82F1:
Withi 150
f
Sensing head:
Teflon* (PFA)
Fiber sheath:
Black
polyethylene
IEC IP68**
E32-D82F2
above:
–40
°C to 85°C
(with no icing)
Within 150 mm of
fiber tip
E32-D82F2:
Within 350 mm of
fiber tip
yy
Connector:
Nickel-coated
brass
*The teflon part located 10 cm underwater must not generate air bubbles when air is injected into the teflon part with a pressure of 98 kpa
(1 kgf/cm2).
**Teflon is a registered trademark of the Dupont Company and the Mitsui Dupont Chemical Company for their fluoride resin.
Pipe Mounting Model
Model
Suitable pipe
Pipe material
Ambient
temperature
Ambient
humidity
Permissible
bending
radius
Material
Enclosure
rating
E32-L25T
Transparent pipes
with an outer
diameter of 8 to
10 mm and an
inner diameter of
6 to 8 mm
FEP
transparent
pipes or
equivalent
Operating:
–40
°C to 70°C
(with no icing)
Operating:
35% to 85%
10 mm min.
Sensing head:
Polycarbonate
Fiber:
Polyethylene-
covered plastic
IEC IP50
High-precision Screen Sensors
Model
Ambient temperature
Ambient humidity
Permissible
bending radius
Material
Enclosure rating
E32-T16P
Operating: –40
°C to 70°C
(with no icing)
Operating: 35% to
85%
R10 mm min.
Sensing head:
Heat-resistive ABS
Fiber sheath:
Vinyl chloride
IEC IP50
E32-T16
25 mm min.
Sensing head:
Heat-resistive ABS
Sensing surface:
PMMA
Fiber sheath:
Black polyethylene
IEC IP67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com