Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 24 Page - Omron Electronics LLC

Part # E39-R1
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button E39-R1 Datasheet HTML 20Page - Omron Electronics LLC E39-R1 Datasheet HTML 21Page - Omron Electronics LLC E39-R1 Datasheet HTML 22Page - Omron Electronics LLC E39-R1 Datasheet HTML 23Page - Omron Electronics LLC E39-R1 Datasheet HTML 24Page - Omron Electronics LLC E39-R1 Datasheet HTML 25Page - Omron Electronics LLC E39-R1 Datasheet HTML 26Page - Omron Electronics LLC E39-R1 Datasheet HTML 27Page - Omron Electronics LLC E39-R1 Datasheet HTML 28Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
E3X
E3X
24
E3X-A
jj/-Fjj/-VGjj
E32-T11L + E39-F3
E32-DC200
E32-D12
E32-D21L + E32-D22L
E32-D21
E32-D11L
E32-DC200E
E32-D11
E32-D33
E32-CC200
E32-D32L
E32-D14L
Note:
With E3X-A: Adjust the angle of
E39-F3 so that the sensor can
sense an object at a distance of
90 mm. (For E3X-F: 50 mm)
E3X-VG
j
E3X-VG
j Amplifier
E3X-F
j Amplifier
E3X-F
j
Set distance
X (mm)
Set distance
X (mm)
Set distance
X (mm)
E3X-F
j
Set distance
X (mm)
Set distance
X (mm)
Sensing object
Sensing object
E3X-VG
j
E3X-A
j
Set distance
X (mm)
E3X-F
j
Amplifier
E3X-A
j Amplifier
E3X-F
j
Set distance
X (mm)
Set distance
X (mm)
Set distance
X (mm)
E3X-VG
j
E3X-A
j
E3X-F
j
E3X-F
j
Set distance
X (mm)
E3X-F
j
Sensing object
E3X-A
j
Sensing object
E3X-A
j
Sensing object
E3X-A
j
Amplifier
Set distance
X (mm)
E3X-A
j
Sensing object
E3X-A
j
Sensing object
Sensing object
E3X-A
j
E3X-A
j
E3X-A
j
E3X-A
j
E3X-VG
j Amplifier
Sensing object
Set distance
X (mm)
E3X-F
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com